Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

LTC1550LIGN Datasheet(PDF) 5 Page - Linear Technology

Part # LTC1550LIGN
Description  Low Noise, Switched Capacitor Regulated Voltage Inverters
PDF  12 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  LINER [Linear Technology]
Direct Link  http://www.linear.com
Logo LINER - Linear Technology

LTC1550LIGN Datasheet(HTML) 5 Page - Linear Technology

  LTC1550LIGN Datasheet HTML 1Page - Linear Technology LTC1550LIGN Datasheet HTML 2Page - Linear Technology LTC1550LIGN Datasheet HTML 3Page - Linear Technology LTC1550LIGN Datasheet HTML 4Page - Linear Technology LTC1550LIGN Datasheet HTML 5Page - Linear Technology LTC1550LIGN Datasheet HTML 6Page - Linear Technology LTC1550LIGN Datasheet HTML 7Page - Linear Technology LTC1550LIGN Datasheet HTML 8Page - Linear Technology LTC1550LIGN Datasheet HTML 9Page - Linear Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 5 / 12 page
background image
5
LTC1550L/LTC1551L
TYPICAL PERFORMANCE CHARACTERISTICS
FREQUENCY (Hz)
100k
90
80
70
60
50
40
30
20
10
0
–10
1M
10M
1550L/51L G10
FREQUENCY (kHz)
1
0.01
1
0.1
10
10
100
1550 /51L G11
Spot Noise (*See Figure 1)
Output Spectrum (See Figure 3)
FREQUENCY (Hz)
100k
90
80
70
60
50
40
30
20
10
0
–10
1M
10M
1550L/51L G12
VCC = 5V
IL = 5mA
CIN = 2.2µF
COUT = 4.7µF
CL = 0.1µF
Output Spectrum (*See Figure 1)
* On first page of data sheet.
Spot Noise (See Figure 3)
FREQUENCY (kHz)
1
0.01
1
0.1
10
10
100
1550L/51L G13
VCC = 5V
IL = 5mA
CIN = 2.2µF
COUT = 4.7µF
CL = 0.1µF
FREQUENCY (Hz)
100k
90
80
70
60
50
40
30
20
10
0
–10
1M
10M
1550L/51L G14
VCC = 5V
IL = 5mA
CIN 2.2µF
COUT = 10µF
CL = 0.1µF
Spot Noise (See Figure 3)
FREQUENCY (kHz)
1
0.01
1
0.1
10
10
100
1550L/51L G15
VCC = 5V
IL = 5mA
CIN = 2.2µF
COUT = 10µF
CL = 0.1µF
Output Spectrum (See Figure 3)



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com