Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

LTC1626CS Datasheet(PDF) 9 Page - Linear Technology

Part # LTC1626CS
Description  Low Voltage, High Efficiency Step-Down DC/DC Converter
PDF  12 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  LINER [Linear Technology]
Direct Link  http://www.linear.com
Logo LINER - Linear Technology

LTC1626CS Datasheet(HTML) 9 Page - Linear Technology

Back Button LTC1626CS Datasheet HTML 4Page - Linear Technology LTC1626CS Datasheet HTML 5Page - Linear Technology LTC1626CS Datasheet HTML 6Page - Linear Technology LTC1626CS Datasheet HTML 7Page - Linear Technology LTC1626CS Datasheet HTML 8Page - Linear Technology LTC1626CS Datasheet HTML 9Page - Linear Technology LTC1626CS Datasheet HTML 10Page - Linear Technology LTC1626CS Datasheet HTML 11Page - Linear Technology LTC1626CS Datasheet HTML 12Page - Linear Technology  
Zoom Inzoom in Zoom Outzoom out
 9 / 12 page
background image
9
LTC1626
Thermal Considerations
In a majority of applications, the LTC1626 does not
dissipate much heat due to its high efficiency. However, in
applications where the switching regulator is running at
high duty cycles or the part is in dropout with the switch
turned on continuously (DC), some thermal analysis is
required. The goal of the thermal analysis is to determine
whether the power dissipated by the regulator exceeds the
maximum junction temperature. The temperature rise is
given by:
TRISE = PD • θJA
where PD is the power dissipated by the regulator and θJA
is the thermal resistance from the junction of the die to the
ambient temperature.
The junction temperature is given by:
TJ = TRISE + TAMBIENT
As an example, consider the case when the LTC1626 is in
dropout at an input voltage of 3V with a load current of
0.5A. From the Typical Performance Characteristics graph
of Switch Resistance, the ON resistance of the P-channel
switch is 0.45
Ω. Therefore, power dissipated by the
part is:
PD = I2 • RDS(ON) = 113mW
The SO package junction-to-ambient thermal resistance
θJAis110°C/W.Therefore,thejunctiontemperatureofthe
APPLICATIONS INFORMATION
regulator when it is operating in a 25
°C ambient tempera-
ture is:
TJ = (0.113 • 110) + 25 = 38°C
Remembering that the above junction temperature is
obtained from an RDS(ON) at 25°C, we might recalculate
the junction temperature based on a higher RDS(ON) since
it increases with temperature. However, we can safely
assume that the actual junction temperature will not
exceed the absolute maximum junction temperature
of 125
°C.
Board Layout Considerations
When laying out the printed circuit board, the following
checklist should be used to ensure proper operation of the
LTC1626. These items are also illustrated graphically in
the layout diagram of Figure 6. Check the following in your
layout:
1. Are the signal and power grounds separated? The
LTC1626 signal ground (Pin 11) must return to the
(–) plate of COUT. The power ground (Pin 12) returns
to the anode of the Schottky diode and the (–) plate
of CIN.
2. Does the (+) plate of CIN connect to the power VIN (Pins
1, 13) as close as possible? This capacitor provides the
AC current to the internal P-channel MOSFET and its
driver.
Figure 6. LTC1626 Layout Diagram (See Board Layout Checklist)
+
1
2
13
PWR VIN
CIN
COUT
RSENSE
VOUT
1626 F06
VIN
BOLD LINES INDICATE
HIGH CURRENT PATHS
D1
0.1
µF
L
R1
1k
CT
1000pF
3900pF
R2
VIN
SW
LTC1626
PWR VIN
PGND
SGND
SHDN
VFB
SENSE+
SHUTDOWN
LBO
LBI
CT
ITH
SENSE–
3
4
5
6
7
14
12
11
10
9
8



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com