Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

LTC1626CS Datasheet(PDF) 7 Page - Linear Technology

Part # LTC1626CS
Description  Low Voltage, High Efficiency Step-Down DC/DC Converter
PDF  12 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  LINER [Linear Technology]
Direct Link  http://www.linear.com
Logo LINER - Linear Technology

LTC1626CS Datasheet(HTML) 7 Page - Linear Technology

Back Button LTC1626CS Datasheet HTML 3Page - Linear Technology LTC1626CS Datasheet HTML 4Page - Linear Technology LTC1626CS Datasheet HTML 5Page - Linear Technology LTC1626CS Datasheet HTML 6Page - Linear Technology LTC1626CS Datasheet HTML 7Page - Linear Technology LTC1626CS Datasheet HTML 8Page - Linear Technology LTC1626CS Datasheet HTML 9Page - Linear Technology LTC1626CS Datasheet HTML 10Page - Linear Technology LTC1626CS Datasheet HTML 11Page - Linear Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 7 / 12 page
background image
7
LTC1626
sequence, the LTC1626 will delay entering Burst Mode
operation and efficiency will be degraded at low currents.
APPLICATIONS INFORMATION
the P-channel switch duty cycle. At high input voltages,
the diode conducts most of the time. As VIN approaches
VOUT, the diode conducts only a small fraction of the time.
The most stressful condition for the diode is when the
regulator output is shorted to ground.
Under short-circuit conditions, the diode must safely
handle ISC(PK) at close to 100% duty cycle. Most LTC1626
circuits will be well served by either an MBRM5819 or an
MBRS130LT3. An MBR0520LT1 is a good choice for
IOUT(MAX) ≤ 500mA.
Input Capacitor (CIN) Selection
In continuous mode, the input current of the converter is
a square wave of duty cycle VOUT/VIN. To prevent large
voltage transients, a low effective series resistance (ESR)
input capacitor must be used. In addition, the capacitor
must handle a high RMS current. The CIN RMS current is
given by:
I
IV
V
V
V
A
RMS
OUT
OUT
IN
OUT
IN
≈
−
()
[] ()
12
/
This formula has a maximum at VIN = 2VOUT, where
IRMS = IOUT/2. This simple worst case is commonly used
to design because even significant deviations do not offer
much relief. Note that capacitor manufacturer’s ripple
current ratings are often based on only 2000 hours life-
time. This make it advisable to further derate the capacitor,
or choose a capacitor rated at a higher temperature than
required.
Do not underspecify this component. An addi-
tional 0.1
µFceramiccapacitorisalsorequiredonPWRVIN
for high frequency decoupling.
Output Capacitor (COUT) Selection
The selection of COUT is driven by the ESR for proper
operation of the LTC1626. The required ESR of COUT is:
ESRCOUT < 50mV/IRIPPLE
where IRIPPLE is the ripple current of the inductor. For the
case where the IRIPPLE is 25mV/RSENSE, the required ESR
of COUT is:
Kool M
µ is a registered trademark of Magnetics, Inc.
INPUT VOLTAGE (V)
200
180
160
140
120
100
80
60
40
20
0
1626 F03
5.0 5.5 6.0 6.5 7.0 7.5
4.5
2.5
3.5 4.0
3.0
FIGURE 1 CIRCUIT
Inductor Core Selection
With the value of L selected, the type of inductor must be
chosen. Basically, there are two kinds of losses in an
inductor—core and copper losses.
Core losses are dependent on the peak-to-peak ripple
current and core material. However, they are independent
of the physical size of the core. By increasing inductance,
the peak-to-peak inductor ripple current will decrease,
therefore reducing core loss. Utilizing low core loss mate-
rial, such as molypermalloy or Kool M
µ® willallowtheuser
to concentrate on reducing copper loss and preventing
saturation.
Although higher inductance reduces core loss, it increases
copper loss as it requires more windings. When space is
not a premium, larger wire can be used to reduce the wire
resistance. This also prevents excessive heat dissipation
in the inductor.
Catch Diode Selection
Losses in the catch diode depend on forward drop and
switching times. Therefore, Schottky diodes are a good
choice for low drop and fast switching times.
The catch diode carries the load current during the off-
time. The average diode current is therefore dependent on
Figure 3. Operating Frequency vs Supply Voltage
for Circuit Shown in Figure 1



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com