Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

LTC1626CS Datasheet(PDF) 4 Page - Linear Technology

Part # LTC1626CS
Description  Low Voltage, High Efficiency Step-Down DC/DC Converter
PDF  12 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  LINER [Linear Technology]
Direct Link  http://www.linear.com
Logo LINER - Linear Technology

LTC1626CS Datasheet(HTML) 4 Page - Linear Technology

  LTC1626CS Datasheet HTML 1Page - Linear Technology LTC1626CS Datasheet HTML 2Page - Linear Technology LTC1626CS Datasheet HTML 3Page - Linear Technology LTC1626CS Datasheet HTML 4Page - Linear Technology LTC1626CS Datasheet HTML 5Page - Linear Technology LTC1626CS Datasheet HTML 6Page - Linear Technology LTC1626CS Datasheet HTML 7Page - Linear Technology LTC1626CS Datasheet HTML 8Page - Linear Technology LTC1626CS Datasheet HTML 9Page - Linear Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 4 / 12 page
background image
4
LTC1626
PWR VIN (Pins 1, 13): Supply for the Power MOSFET and
Its Driver. Decouple this pin properly to ground.
VIN (Pin 2): Main Supply for All the Control Circuitry in
the LTC1626.
LBO (Pin 3): Open-Drain Output of the Low-Battery Com-
parator. This pin will sink current when Pin 4 (LBI) goes
below 1.25V. During shutdown, this pin is high imped-
ance.
LBI (Pin 4): The (–) Input of the Low-Battery Comparator.
The (+) input is connected to a reference voltage of 1.25V.
If not used, connect to VIN.
CT (Pin 5): External capacitor CT from Pin 5 to ground sets
the switch off-time. The operating frequency is dependent
on the input voltage and CT.
ITH (Pin 6): Feedback Amplifier Decoupling Point. The
current comparator threshold is proportional to Pin 6
voltage.
PIN FUNCTIONS
SENSE – (Pin 7): Connects to the (–) Input of the Current
Comparator.
SENSE + (Pin 8): The (+) Input to the Current Comparator.
A built-in offset between Pins 7 and 8 in conjunction with
RSENSE sets the current trip threshold.
VFB (Pin 9): This pin serves as the feedback pin from an
external resistive divider used to set the output voltage.
SHDN (Pin 10): Shutdown Pin. Pulling this pin to VIN
keeps the internal switch off and puts the LTC1626 in
micropower shutdown. If not used, connect to SGND.
SGND (Pin 11): Small-Signal Ground. Must be routed
separately from other grounds to the (–) terminal of COUT.
PWR GND (Pin 12): Switch Driver Ground. Connects to
the (–) terminal of CIN.
SW (Pin 14): Drain of the P-Channel MOSFET Switch.
Cathode of the Schottky diode must be connected closely
to this pin.
BLOCK DIAGRAM
–
+
–
+
12
14
1
13
SW
PWR GND
C
–
+
G
S
–
+
T
–
+
–
+
A3
V
Q
SLEEP
VTH2
VFB
VFB
VTH1
VIN
SENSE–
SENSE–
SENSE+
25mV TO 150mV
OFF-TIME
CONTROL
CT
5
ITH
LBO
LBI
1626 BD
VOS
SHDN
SGND
13k
+
6
3
10
9
7
8
4
11
2
R
S
PWR VIN
REFERENCE



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com