Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

LTC1626CS Datasheet(PDF) 10 Page - Linear Technology

Part # LTC1626CS
Description  Low Voltage, High Efficiency Step-Down DC/DC Converter
PDF  12 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  LINER [Linear Technology]
Direct Link  http://www.linear.com
Logo LINER - Linear Technology

LTC1626CS Datasheet(HTML) 10 Page - Linear Technology

Back Button LTC1626CS Datasheet HTML 4Page - Linear Technology LTC1626CS Datasheet HTML 5Page - Linear Technology LTC1626CS Datasheet HTML 6Page - Linear Technology LTC1626CS Datasheet HTML 7Page - Linear Technology LTC1626CS Datasheet HTML 8Page - Linear Technology LTC1626CS Datasheet HTML 9Page - Linear Technology LTC1626CS Datasheet HTML 10Page - Linear Technology LTC1626CS Datasheet HTML 11Page - Linear Technology LTC1626CS Datasheet HTML 12Page - Linear Technology  
Zoom Inzoom in Zoom Outzoom out
 10 / 12 page
background image
10
LTC1626
3. Is the input decoupling capacitor (0.1
µF) connected
closely between power VIN (Pins 1, 13) and power
ground (Pin 12)? This capacitor carries the high fre-
quency peak currents.
4. Is the Schottky diode closely connected between the
power ground (Pin 12) and switch output (Pin 14)?
5. Does the LTC1626 SENSE– (Pin 7) connect to a point
close to RSENSE and the (+) plate of COUT? The resistor
APPLICATIONS INFORMATION
+
PWR VIN
CIN
†
47
µF
16V
+
COUT
††
100
µF
10V
††† FOR 3.3V:
R1 = 15k, 1%
R2 = 9.09k, 1%
RSENSE**
0.1
Ω
VOUT
2.5V
0.25A
1626 TA02
D1
MBR0520LT1
L1*
22
µH
R1†††
10k
1k
3- OR 4-CELL
NiCd OR NiMH
* SUMIDA CDRH62-220
** IRC 1206-R100F
† AVX TPSD476K016
†† AVX TPSD107K010
3900pF
R2†††
10k
VIN
(VIN = 2.7V TO 6V)
SW
LTC1626
PGND
SGND
SENSE+
SENSE–
SHDN
SHUTDOWN
LBO
ITH
CT
CT
270pF
VFB
LBI
+
0.1
µF
1000pF
100pF
R4
R3
TYPICAL APPLICATIONS
Single Cell Li-Ion to 2.5V Converter
+
PWR VIN
CIN
†
47
µF
16V
+
COUT
††
100
µF
10V
RSENSE**
0.1
Ω
VOUT
2.5V
0.25A
1626 TA01
D1
MBR0520LT1
L1*
22
µH
10k
1k
SINGLE
Li-ION
CELL
* SUMIDA CDRH62-220
** IRC 1206-R100F
† AVX TPSD476K016
†† AVX TPSD107K010
3900pF
10k
VIN
(VIN = 2.7V TO 4.5V)
SW
LTC1626
PGND
SGND
SENSE+
SENSE–
SHDN
SHUTDOWN
LBO
ITH
CT
CT
270pF
VFB
LBI
+
0.1
µF
1000pF
100pF
divider R1-R2 must be connected between the (+) plate
of COUT and the signal ground.
6. Are the SENSE – and SENSE+ leads routed together with
minimum PC trace spacing? The 1000pF capacitor
between Pin 7 and Pin 8 should be as close as possible
to the LTC1626.
7. Is SHDN (Pin 10) actively pulled to ground during
normal operation? The shutdown pin is high imped-
ance and must not be allowed to float.
3- to 4-Cell NiCd/NiMH to 2.5V Converter



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com