Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

M30620FCMFP Datasheet(PDF) 6 Page - Mitsubishi Electric Semiconductor

Part # M30620FCMFP
Description  SINGLE-CHIP 16-BIT CMOS MICROCOMPUTER
PDF  33 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MITSUBISHI [Mitsubishi Electric Semiconductor]
Direct Link  http://www.mitsubishichips.com
Logo MITSUBISHI - Mitsubishi Electric Semiconductor

M30620FCMFP Datasheet(HTML) 6 Page - Mitsubishi Electric Semiconductor

Back Button M30620FCMFP Datasheet HTML 2Page - Mitsubishi Electric Semiconductor M30620FCMFP Datasheet HTML 3Page - Mitsubishi Electric Semiconductor M30620FCMFP Datasheet HTML 4Page - Mitsubishi Electric Semiconductor M30620FCMFP Datasheet HTML 5Page - Mitsubishi Electric Semiconductor M30620FCMFP Datasheet HTML 6Page - Mitsubishi Electric Semiconductor M30620FCMFP Datasheet HTML 7Page - Mitsubishi Electric Semiconductor M30620FCMFP Datasheet HTML 8Page - Mitsubishi Electric Semiconductor M30620FCMFP Datasheet HTML 9Page - Mitsubishi Electric Semiconductor M30620FCMFP Datasheet HTML 10Page - Mitsubishi Electric Semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 6 / 33 page
background image
Description
Mitsubishi microcomputers
M16C / 62M Group
(Low voltage version)
SINGLE-CHIP 16-BIT CMOS MICROCOMPUTER
6
Mitsubishi plans to release the following products in the M16C/62M group:
(1) Support for mask ROM version and Flash memory version
(2) ROM capacity
(3) Package
100P6S-A
: Plastic molded QFP (mask ROM and flash memory versions)
100P6Q-A
: Plastic molded QFP (mask ROM and flash memory versions)
The M16C/62M group products currently supported are listed in Table 1.1.2.
Table 1.1.2. M16C/62M group
ROM Size
(Byte)
External
ROM
128K
96K
64K
32K
M30624MGM-XXXFP/GP
Mask ROM version
Flash memory version
M30620FCMFP/GP
256K
M30620MCM-XXXFP/GP
M30624FGMFP/GP
100P6S-A
100P6Q-A
100P6S-A
100P6Q-A
100P6S-A
100P6Q-A
100P6S-A
M30620MCM-XXXGP
M30620MCM-XXXFP
100P6Q-A
M30624MGM-XXXFP
M30624MGM-XXXGP
M30620FCMFP
M30620FCMGP
M30624FGMFP
M30624FGMGP
RAM capacity
ROM capacity
Package type
Remarks
Type No
June, 2000
128K byte
20K byte
256K byte
128K byte
256K byte
10K byte
20K byte
10K byte
mask ROM version
Flash memory
3V version
Figure 1.1.4. ROM expansion



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com