Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

M30620FCMFP Datasheet(PDF) 11 Page - Mitsubishi Electric Semiconductor

Part # M30620FCMFP
Description  SINGLE-CHIP 16-BIT CMOS MICROCOMPUTER
PDF  33 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MITSUBISHI [Mitsubishi Electric Semiconductor]
Direct Link  http://www.mitsubishichips.com
Logo MITSUBISHI - Mitsubishi Electric Semiconductor

M30620FCMFP Datasheet(HTML) 11 Page - Mitsubishi Electric Semiconductor

Back Button M30620FCMFP Datasheet HTML 7Page - Mitsubishi Electric Semiconductor M30620FCMFP Datasheet HTML 8Page - Mitsubishi Electric Semiconductor M30620FCMFP Datasheet HTML 9Page - Mitsubishi Electric Semiconductor M30620FCMFP Datasheet HTML 10Page - Mitsubishi Electric Semiconductor M30620FCMFP Datasheet HTML 11Page - Mitsubishi Electric Semiconductor M30620FCMFP Datasheet HTML 12Page - Mitsubishi Electric Semiconductor M30620FCMFP Datasheet HTML 13Page - Mitsubishi Electric Semiconductor M30620FCMFP Datasheet HTML 14Page - Mitsubishi Electric Semiconductor M30620FCMFP Datasheet HTML 15Page - Mitsubishi Electric Semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 11 / 33 page
background image
Electrical characteristics
Mitsubishi microcomputers
M16C / 62M Group
(Low voltage version)
SINGLE-CHIP 16-BIT CMOS MICROCOMPUTER
11
RLADDER
Reference voltage
Analog input voltage
k
Ω
V
VIA
VREF
V
0
2.4
10
VCC
VREF
40
tCONV
VREF =VCC
–
–
Bits
LSB
VREF =VCC
±2
10
VREF =VCC=3V, fAD=fAD/2
9.8
µs
Ladder resistance
Conversion
time(8bit)
Absolute accuracy
Sample & hold function not available (8 bit)
Standard
Min.Typ.Max
SymbolParameterMeasuring conditionUnit
–
%
1.0
–
Bits
8
RO
k
Ω
20
10
4
mA
IVREF
1.0
tsu
3
µs
Resolution
Absolute accuracy
Setup time
Output resistance
Reference power supply input current(Note1)
Standard
Min.Typ.Max
SymbolParameterMeasuring conditionUnit
Page program time
Block erase time
Erase all unlocked blocks time
Lock bit program time
6
50
50 X n (Note)
6
120
600
600 X n (Note)
120
ms
ms
ms
ms
Parameter
Standard
Min.Typ.Max
Unit
Resolution
Table 1.26.5. D-A conversion characteristics (referenced to VCC = 2.4V to 3.6V, VSS = AVSS = 0V, VREF=3V,
at Ta = – 20oC to 85oC / – 40oC to 85oC (Note2), f(XIN)=10MHZ unless otherwise specified)
Note 1: This applies when using one D-A converter, with the D-A register for the unused D-A converter set to “0016”.
The A-D converter's ladder resistance is not included.
Also, when DA register contents are not “00”, the current IVREF always flows even though Vref may have been
set to be “unconnected” by the A-D control register.
Note 2: Specify a product of –40
°C to 85°C to use it.
Note 1: Connect AVCC pin to VCC pin and apply the same electric potential.
Note 2: Specify a product of –40
°C to 85°C to use it.
Table 1.26.4. A-D conversion characteristics (referenced to VCC = AVCC = VREF = 2.4V to 3.6V, VSS = AVSS
= 0V, at Ta = – 20oC to 85oC / – 40oC to 85oC (Note2), f(XIN)=10MHZ unless otherwise specified)
Table 1.26.6. Flash memory version electrical characteristics
(referenced to VCC = 2.7V to 3.6V, at Ta =0oC to 60oC unless otherwise specified)
Note : n denotes the number of block erases.
Table 1.26.7. Flash memory version program voltage and read operation voltage characteristics
(Ta =0oC to 60oC)
Flash program voltage
Flash read operation voltage
VCC=2.7V to 3.6V
VCC=2.4V to 3.6V
VCC=2.7V to 3.4V
VCC=2.2V to 2.4V



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com