Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

M30620FCMFP Datasheet(PDF) 10 Page - Mitsubishi Electric Semiconductor

Part # M30620FCMFP
Description  SINGLE-CHIP 16-BIT CMOS MICROCOMPUTER
PDF  33 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MITSUBISHI [Mitsubishi Electric Semiconductor]
Direct Link  http://www.mitsubishichips.com
Logo MITSUBISHI - Mitsubishi Electric Semiconductor

M30620FCMFP Datasheet(HTML) 10 Page - Mitsubishi Electric Semiconductor

Back Button M30620FCMFP Datasheet HTML 6Page - Mitsubishi Electric Semiconductor M30620FCMFP Datasheet HTML 7Page - Mitsubishi Electric Semiconductor M30620FCMFP Datasheet HTML 8Page - Mitsubishi Electric Semiconductor M30620FCMFP Datasheet HTML 9Page - Mitsubishi Electric Semiconductor M30620FCMFP Datasheet HTML 10Page - Mitsubishi Electric Semiconductor M30620FCMFP Datasheet HTML 11Page - Mitsubishi Electric Semiconductor M30620FCMFP Datasheet HTML 12Page - Mitsubishi Electric Semiconductor M30620FCMFP Datasheet HTML 13Page - Mitsubishi Electric Semiconductor M30620FCMFP Datasheet HTML 14Page - Mitsubishi Electric Semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 10 / 33 page
background image
Electrical characteristics
Mitsubishi microcomputers
M16C / 62M Group
(Low voltage version)
SINGLE-CHIP 16-BIT CMOS MICROCOMPUTER
10
Table 1.26.3. Electrical characteristics (referenced to VCC = 2.7V to 3.6V, VSS = 0V at Ta = – 20oC to
85oC / – 40oC to 85oC (Note1), f(XIN) = 10MHZ without wait unless otherwise specified)
V
V
XOUT
2.5
2.5
V
0.5
V
XOUT
0.5
0.5
2.5
IOH=–1mA
IOH=–0.1mA
IOH=–50
µA
IOL=1mA
IOL=0.1mA
IOL=50
µA
P00 to P07, P10 to P17, P20 to P27, P30 to P37,
P00 to P07, P10 to P17, P20 to P27, P30 to P37,
P40 to P47, P50 to P57, P60 to P67, P72 to P77,
P40 to P47, P50 to P57, P60 to P67, P70 to P77,
P80 to P84, P86,P87, P90 to P97, P100 to P107
HIGHPOWER
LOWPOWER
HIGHPOWER
LOWPOWER
P80 to P84, P86,P87, P90 to P97, P100 to P107
HIGHPOWER
LOWPOWER
XCOUT
3.0
1.6
V
0.20.8V
0.21.8V
P00 to P07, P10 to P17, P20 to P27, P30 to P37,
P40 to P47, P50 to P57, P60 to P67, P70 to P77,
P80 to P87, P90 to P97, P100 to P107,
4.0
µA
µA
When clock is stopped2.0V
RESET
XIN, RESET, CNVss, BYTE
VI=3V
VI=0V–4.0
P00 to P07, P10 to P17, P20 to P27, P30 to P37,
P40 to P47, P50 to P57, P60 to P67, P70 to P77,
P80 to P87, P90 to P97, P100 to P107,
XIN, RESET, CNVss, BYTE
XIN
XCIN
10.0
3.0
M
Ω
M
Ω
Square wave,
no division
f(XIN)=10MHz
mA
9.521.25
Mask ROM version
75
k
Ω
P00 to P07, P10 to P17, P20 to P27, P30 to P37,
P40 to P47, P50 to P57, P60 to P67, P72 to P77,
P80 to P84, P86,P87, P90 to P97, P100 to P107
V
XCOUT
0
0
HIGHPOWER
LOWPOWER
VI=0V
20330
When clock is stopped
Ta=25
°C
1.0
µA
Ta=85
°C
20.0
When clock is stopped
f(XCIN)=32kHz
When a WAIT instruction
is executed.
Oscillation capacity High
(Note2)
2.8
µA
0.9
µA
f(XCIN)=32kHz
When a WAIT instruction
is executed.
Oscillation capacity Low
(Note2)
Square wave,
no division
f(XIN)=10MHz
mA
12.021.25
Flash memory
3V version
Square wave
f(XCIN)=32kHz
45.0
µA
Mask ROM version,
flash memory
3V version
SDA, CLK0 to CLK4, TA2OUT to TA4OUT,
HOLD, RDY, TA0IN to TA4IN, TB0IN to TB5IN,
INT0 to INT5, NMI, ADTRG, CTS0 to CTS2, SCL,
KI0 to KI3, RxD0 to RxD2, SIN3, SIN4
Mask ROM version,
flash memory
3V version
Flash memory
3V version
program
F
lash memory
3V version
erase
Square wave,
division by 2
f(XIN)=10MHz
Square wave,
division by 2
f(XIN)=10MHz
14.0
17.0
mA
mA
Symbol
VOH
HIGH output
voltage
VOH
VOL
LOW output
voltage
LOW output
voltage
VOL
HIGH output
voltage
Standard
Typ.
Unit
Measuring condition
MinMax.
Parameter
HIGH output
voltage
With no load applied
With no load applied
Hysteresis
Hysteresis
HIGH input
current
IIH
LOW input
current
IIL
VRAM
RAM retention voltage
ICC
Power supply current
VT+–VT–
VT+–VT–
RfXIN
RfXCIN
Feedback resistance
Feedback resistance
RPULLUP
LOW output
voltage
With no load applied
With no load applied
In single-chip mode, the output pins
are open and other pins are VSS
Pull-up
resistance
Note 1: Specify a product of -40
°C to 85°C to use it.
Note 2: With one timer operated using fC32.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com