Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

M30620FCMFP Datasheet(PDF) 14 Page - Mitsubishi Electric Semiconductor

Part # M30620FCMFP
Description  SINGLE-CHIP 16-BIT CMOS MICROCOMPUTER
PDF  33 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MITSUBISHI [Mitsubishi Electric Semiconductor]
Direct Link  http://www.mitsubishichips.com
Logo MITSUBISHI - Mitsubishi Electric Semiconductor

M30620FCMFP Datasheet(HTML) 14 Page - Mitsubishi Electric Semiconductor

Back Button M30620FCMFP Datasheet HTML 10Page - Mitsubishi Electric Semiconductor M30620FCMFP Datasheet HTML 11Page - Mitsubishi Electric Semiconductor M30620FCMFP Datasheet HTML 12Page - Mitsubishi Electric Semiconductor M30620FCMFP Datasheet HTML 13Page - Mitsubishi Electric Semiconductor M30620FCMFP Datasheet HTML 14Page - Mitsubishi Electric Semiconductor M30620FCMFP Datasheet HTML 15Page - Mitsubishi Electric Semiconductor M30620FCMFP Datasheet HTML 16Page - Mitsubishi Electric Semiconductor M30620FCMFP Datasheet HTML 17Page - Mitsubishi Electric Semiconductor M30620FCMFP Datasheet HTML 18Page - Mitsubishi Electric Semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 14 / 33 page
background image
Timing
Mitsubishi microcomputers
M16C / 62M Group
(Low voltage version)
SINGLE-CHIP 16-BIT CMOS MICROCOMPUTER
14
Table 1.26.15. Timer B input (counter input in event counter mode)
Table 1.26.16. Timer B input (pulse period measurement mode)
Table 1.26.17. Timer B input (pulse width measurement mode)
Table 1.26.18. A-D trigger input
Table 1.26.19. Serial I/O
_______
Table 1.26.20. External interrupt INTi inputs
Timing requirements
(referenced to VCC = 3V, VSS = 0V, at Ta = – 20oC to 85oC / – 40oC to 85oC (*) unless otherwise specified)
* : Specify a product of –40
°C to 85°C to use it.
Standard
Max.
Min.
Parameter
Symbol
Unit
ns
tc(TB)
TBiIN input cycle time (counted on one edge)
150
ns
tw(TBH)
TBiIN input HIGH pulse width (counted on one edge)
60
ns
tw(TBL)
TBiIN input LOW pulse width (counted on one edge)
60
tw(TBH)
ns
TBiIN input HIGH pulse width (counted on both edges)
160
tw(TBL)
ns
TBiIN input LOW pulse width (counted on both edges)
160
tc(TB)
ns
TBiIN input cycle time (counted on both edges)
300
Standard
Max.
Min.
Parameter
Symbol
Unit
ns
tc(TB)
TBiIN input cycle time
600
ns
tw(TBH)
TBiIN input HIGH pulse width
300
tw(TBL)
ns
TBiIN input LOW pulse width
300
Standard
Max.
Min.
Parameter
Symbol
Unit
ns
tc(TB)
TBiIN input cycle time
600
ns
tw(TBH)
TBiIN input HIGH pulse width
300
tw(TBL)
ns
TBiIN input LOW pulse width
300
Standard
Max.
Min.
Parameter
Symbol
Unit
ns
tc(AD)
ADTRG input cycle time (trigger able minimum)
1500
ns
tw(ADL)
ADTRG input LOW pulse width
200
Standard
Max.
Min.
Parameter
Symbol
Unit
ns
tw(INH)
INTi input HIGH pulse width
380
ns
tw(INL)
INTi input LOW pulse width
380
Standard
Max.
Min.
Parameter
Symbol
Unit
ns
tc(CK)
CLKi input cycle time
300
ns
tw(CKH)
CLKi input HIGH pulse width
150
ns
tw(CKL)
CLKi input LOW pulse width
150
th(C-Q)
ns
TxDi hold time
0
tsu(D-C)
ns
RxDi input setup time
50
th(C-D)
ns
RxDi input hold time
90
td(C-Q)
ns
TxDi output delay time
160



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com