Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

LTC1643LIGN Datasheet(PDF) 10 Page - Linear Technology

Part # LTC1643LIGN
Description  PCI-Bus Hot Swap Controller
PDF  16 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  LINER [Linear Technology]
Direct Link  http://www.linear.com
Logo LINER - Linear Technology

LTC1643LIGN Datasheet(HTML) 10 Page - Linear Technology

Back Button LTC1643LIGN Datasheet HTML 6Page - Linear Technology LTC1643LIGN Datasheet HTML 7Page - Linear Technology LTC1643LIGN Datasheet HTML 8Page - Linear Technology LTC1643LIGN Datasheet HTML 9Page - Linear Technology LTC1643LIGN Datasheet HTML 10Page - Linear Technology LTC1643LIGN Datasheet HTML 11Page - Linear Technology LTC1643LIGN Datasheet HTML 12Page - Linear Technology LTC1643LIGN Datasheet HTML 13Page - Linear Technology LTC1643LIGN Datasheet HTML 14Page - Linear Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 10 / 16 page
background image
10
LTC1643L/LTC1643L-1/LTC1643H
Figure 2. Normal Power-Up Sequence
Figure 3. Normal Power-Down Sequence
ON
10V/DIV
TIMER
10V/DIV
GATE
10V/DIV
12VOUT
5V/DIV
5VOUT
5V/DIV
3VOUT
5V/DIV
VEEOUT
5V/DIV
FAULT
10V/DIV
PWRGD
10V/DIV
10ms/DIV
1643 F02
ON
10V/DIV
TIMER
10V/DIV
GATE
10V/DIV
12VOUT
5V/DIV
5VOUT
5V/DIV
3VOUT
5V/DIV
VEEOUT
5V/DIV
FAULT
10V/DIV
PWRGD
10V/DIV
10ms/DIV
1643 F03
R2
0.005
Ω
Q2
IRF7413
Q1
IRF7413
R1
0.007
Ω
R5
10
Ω
R6
10
Ω
R7
100
Ω
C1
0.047
µF
5V
5A
3.3V
7.6A
GND
–12V
100mA
12V
500mA
R3
10k
R4
10k
11
3
13
12
14
16
15
4
10
9
8
1
2
5
6
7
3VIN
GND
12VIN
VEEIN
ON
FAULT
PWRGD
3VSENSE
5VSENSE
3VOUT
LTC1643H
5VOUT
12VOUT
VEEOUT
TIMER
5VIN
GATE
1643 F01
SYSTEM
POWER
SUPPLY
PCI
POWER
SYSTEM
CONTROLLER
C2
0.1
µF
RESET
LOGIC
RESET
Figure 1. Typical Application
APPLICATIONS INFORMATION



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com