Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

LTC1643LIGN Datasheet(PDF) 12 Page - Linear Technology

Part # LTC1643LIGN
Description  PCI-Bus Hot Swap Controller
PDF  16 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  LINER [Linear Technology]
Direct Link  http://www.linear.com
Logo LINER - Linear Technology

LTC1643LIGN Datasheet(HTML) 12 Page - Linear Technology

Back Button LTC1643LIGN Datasheet HTML 8Page - Linear Technology LTC1643LIGN Datasheet HTML 9Page - Linear Technology LTC1643LIGN Datasheet HTML 10Page - Linear Technology LTC1643LIGN Datasheet HTML 11Page - Linear Technology LTC1643LIGN Datasheet HTML 12Page - Linear Technology LTC1643LIGN Datasheet HTML 13Page - Linear Technology LTC1643LIGN Datasheet HTML 14Page - Linear Technology LTC1643LIGN Datasheet HTML 15Page - Linear Technology LTC1643LIGN Datasheet HTML 16Page - Linear Technology  
Zoom Inzoom in Zoom Outzoom out
 12 / 16 page
background image
12
LTC1643L/LTC1643L-1/LTC1643H
Figure 6. Delay in the Current Limit Loop
R2
0.005
Ω
Q2
IRF7413
Q1
IRF7413
R1
0.007
Ω
R5
10
Ω
R3
20
Ω
R6
10
Ω
R4
20
Ω
R7
100
Ω
C1
0.047
µF
5V
5A
5V
3.3V
3.3V
7.6A
11
3
13
12
14
10
9
3VIN
3VSENSE
5VSENSE
3VOUT
LTC1643L
5VOUT
5VIN
GATE
1643 F06
C2
1
µF
C3
1
µF
APPLICATIONS INFORMATION
Figure 4. Power-Up into a Short on 3.3V Output
Figure 5. Short Circuit on 5V
ON
10V/DIV
TIMER
10V/DIV
GATE
10V/DIV
12VOUT
5V/DIV
3VOUT
5V/DIV
5VOUT
5V/DIV
VEEOUT
5V/DIV
FAULT
10V/DIV
PWRGD
10V/DIV
20ms/DIV
1643 F04
ON
10V/DIV
TIMER
10V/DIV
GATE
10V/DIV
12VOUT
5V/DIV
5VOUT
5V/DIV
3VOUT
5V/DIV
VEEOUT
5V/DIV
FAULT
10V/DIV
PWRGD
10V/DIV
20ms/DIV
1643 F05



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com