Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

LTC1643LIGN Datasheet(PDF) 16 Page - Linear Technology

Part # LTC1643LIGN
Description  PCI-Bus Hot Swap Controller
PDF  16 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  LINER [Linear Technology]
Direct Link  http://www.linear.com
Logo LINER - Linear Technology

LTC1643LIGN Datasheet(HTML) 16 Page - Linear Technology

Back Button LTC1643LIGN Datasheet HTML 8Page - Linear Technology LTC1643LIGN Datasheet HTML 9Page - Linear Technology LTC1643LIGN Datasheet HTML 10Page - Linear Technology LTC1643LIGN Datasheet HTML 11Page - Linear Technology LTC1643LIGN Datasheet HTML 12Page - Linear Technology LTC1643LIGN Datasheet HTML 13Page - Linear Technology LTC1643LIGN Datasheet HTML 14Page - Linear Technology LTC1643LIGN Datasheet HTML 15Page - Linear Technology LTC1643LIGN Datasheet HTML 16Page - Linear Technology  
Zoom Inzoom in Zoom Outzoom out
 16 / 16 page
background image
16
LTC1643L/LTC1643L-1/LTC1643H
1643fs, sn1643 LT/TP 0899 4K • PRINTED IN USA
©LINEAR TECHNOLOGY CORPORATION 1998
Linear Technology Corporation
1630 McCarthy Blvd., Milpitas, CA 95035-7417
(408)432-1900 q FAX:(408)434-0507 q www.linear-tech.com
RELATED PARTS
PART NUMBER
DESCRIPTION
COMMENTS
LTC1421
Hot Swap Controller
Multiple Supply
LTC1422
Hot Swap Controller
Single Supply, SO-8 Package
LT1640
– 48V Hot Swap Controller
Negative High Voltage Supplies, SO-8 Package
LTC1642
Fault Protected Hot Swap Controller
Operation up to 15V, Handles Surges to 33V
Figure 10. CompactPCI Application Without
±12V Outputs
TYPICAL APPLICATIONS
R1
0.005
Ω
1%
V(I/O)
V(I/O)
V(I/O)
Q2
IRF7413
Q1
IRF7413
R2
0.007
Ω
1%
R3
10
Ω
5%
R4
10
Ω
5%
R5
100
Ω
5%
C1
0.047
µF
5V
5A
MED 5V
MED 3.3V
BD_SEL#
LONG GND
PCI_RST#
I/O
3.3V
7.6A
PRECHARGE OUT
1V
±20%
IOUT = ±40mA
R9
2k
5%
LOCAL_PCI_RESET#
DATA LINE EXAMPLE
DATA BUS
R10
2k
5%
R14
10
Ω, 5%
11
3
13
12
14
16
15
4
8
10
9
5
6
3VIN
1
2
12V
12VIN
VEEIN
ON
FAULT
3VSENSE
5VSENSE
3VOUT
LTC1643L-1
5VOUT
12VOUT
VEEOUT
TIMER
5VIN
GATE
HEALTHY#
7
PWRGD
1643 F10
C2
0.1
µF
GND
C7
0.1
µF
C3
0.01
µF
C4
1
µF
D1
1N4148
*1SMA12CAT3
R8
1.2k
5%
R13
10k
5%
RESET#
LONG
3.3V
LONG
3.3V
LONG
5V
3.3V
PCI
BRIDGE
(21154)
5V
OUT
IN
ADJ
LT1117
R11
24
Ω
5%
R6
130
Ω
1%
R7
56.2
Ω
1%
I/O



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com