Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

LTC1643LIGN Datasheet(PDF) 13 Page - Linear Technology

Part # LTC1643LIGN
Description  PCI-Bus Hot Swap Controller
PDF  16 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  LINER [Linear Technology]
Direct Link  http://www.linear.com
Logo LINER - Linear Technology

LTC1643LIGN Datasheet(HTML) 13 Page - Linear Technology

Back Button LTC1643LIGN Datasheet HTML 8Page - Linear Technology LTC1643LIGN Datasheet HTML 9Page - Linear Technology LTC1643LIGN Datasheet HTML 10Page - Linear Technology LTC1643LIGN Datasheet HTML 11Page - Linear Technology LTC1643LIGN Datasheet HTML 12Page - Linear Technology LTC1643LIGN Datasheet HTML 13Page - Linear Technology LTC1643LIGN Datasheet HTML 14Page - Linear Technology LTC1643LIGN Datasheet HTML 15Page - Linear Technology LTC1643LIGN Datasheet HTML 16Page - Linear Technology  
Zoom Inzoom in Zoom Outzoom out
 13 / 16 page
background image
13
LTC1643L/LTC1643L-1/LTC1643H
APPLICATIONS INFORMATION
circuit, PCI bridge chip and the LOCAL_PCI_RESET# logic
circuitry. The BD_SEL# signal is connected to the ON pin
while the PWRGD pin is connected to the HEALTHY#
signal. The HEATHLY# signal is combined with the
PCI_RESET# signal to generate the LOCAL_PCI_RESET#
signal. Capacitors C6 and C7 provide chip bypassing on
the 12V and –12V inputs. Diode D2 protects the part from
voltage surges below –13.2V on the –12V supply.
The 1V precharge voltage for the data bus lines is gener-
ated by an LT1117 low dropout regulator. The output of the
LT1117 is set to 1.8V, then the voltage is dropped by a
1N4148 diode to generate 1V. The precharge circuit is
capable of sourcing and sinking 40mA.
R1
0.005
Ω
1%
V(I/O)
V(I/O)
V(I/O)
Q2
IRF7413
Q1
IRF7413
R2
0.007
Ω
1%
R3
10
Ω
5%
R4
10
Ω
5%
R5
100
Ω
5%
C1
0.047
µF
5V
5A
MED 5V
MED 3.3V
BD_SEL#
LONG GND
PCI_RST#
I/O
3.3V
7.6A
–12V
100mA
12V
500mA
PRECHARGE OUT
1V
±20%
IOUT = ±40mA
R9
2k
5%
LOCAL_PCI_RESET#
DATA LINE EXAMPLE
DATA BUS
R10
2k
5%
R14
10
Ω, 5%
11
3
13
12
14
16
15
4
8
10
9
5
6
3VIN
1
2
12V
–12V
12VIN
VEEIN
ON
FAULT
3VSENSE
5VSENSE
3VOUT
LTC1643L
5VOUT
12VOUT
VEEOUT
TIMER
5VIN
GATE
HEALTHY#
7
PWRGD
1643 F07
C2
0.1
µF
GND
C7
0.1
µF
C3
0.01
µF
C4
1
µF
D1
1N4148
C6
0.1
µF
D2*
12V
*1SMA12CAT3
R8
1.2k
5%
R13
10k
5%
RESET#
LONG
3.3V
LONG
3.3V
LONG
5V
3.3V
PCI
BRIDGE
(21154)
5V
OUT
IN
ADJ
LT1117
R11
24
Ω
5%
R6
130
Ω
1%
R7
56.2
Ω
1%
I/O
Figure 7. Typical CompactPCI Application
LTC1643L-1
The LTC1643L-1 is designed for CompactPCI designs
where the
±12V supplies are not being used on the board
or the supplies are not well regulated. The power good
comparators on the 12VOUT and VEEOUT pins are disabled.
The VEEIN pin can be connected to GND and the part will
still operate normally if a – 12VOUT output is not needed.
However, 12V is still required at the 12VIN pin for the part
to function. Refer to Figure 10 for a typical LTC1643L-1
application circuit.
Increasing 12V and – 12V Current Capability
The internal switches in the LTC1643 are designed for up
to 500mA loads on 12V and 200mA on – 12V. If more
current is needed, then the circuits in Figure 8 can be used.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com