Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

LTC1687CS Datasheet(PDF) 9 Page - Linear Technology

Part # LTC1687CS
Description  52Mbps Precision Delay RS485 Fail-Safe Transceivers
PDF  12 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  LINER [Linear Technology]
Direct Link  http://www.linear.com
Logo LINER - Linear Technology

LTC1687CS Datasheet(HTML) 9 Page - Linear Technology

Back Button LTC1687CS Datasheet HTML 4Page - Linear Technology LTC1687CS Datasheet HTML 5Page - Linear Technology LTC1687CS Datasheet HTML 6Page - Linear Technology LTC1687CS Datasheet HTML 7Page - Linear Technology LTC1687CS Datasheet HTML 8Page - Linear Technology LTC1687CS Datasheet HTML 9Page - Linear Technology LTC1687CS Datasheet HTML 10Page - Linear Technology LTC1687CS Datasheet HTML 11Page - Linear Technology LTC1687CS Datasheet HTML 12Page - Linear Technology  
Zoom Inzoom in Zoom Outzoom out
 9 / 12 page
background image
9
LTC1686/LTC1687
(the converse applies for the “B” output). The outputs then
appear as
±10mAcurrentsources.Notethatundernormal
operation, the output drivers can sink/source >50mA. A
time-out period of about 50ns is used in order to maintain
normal high frequency operation, even under heavy ca-
pacitive loads.
If the cable is shorted at a large distance from the device
outputs, it is possible for the short to go unnoticed at the
driver outputs due to parasitic cable resistance. Addition-
ally, when the cable is shorted, it no longer appears as a
simple transmission line impedance, and the parasitic L’s
and C’s might give rise to ringing and even oscillation. All
these conditions disappear once the device comes out of
short-circuit mode.
For cables with the typical RS485 termination (no DC bias
on the cable, such as Figure 10), the LTC1686/LTC1687
will automatically come out of short-circuit mode once the
physical short has been removed.
Cable Termination
The recommended cable termination for the LTC1686/
LTC1687 is a single resistor across the two wires at each
end of the twisted-pair line (see Figure 10). The LTC1687
can also be used with cable terminations with a DC bias
(such as Fast-20 and Fast-40 differential SCSI termina-
tors). When using a biased termination with the LTC1687,
however, the DE pin must be held low for at least 200ns
after the part has been powered up. This ensures proper
start-up into the DC load of the biased termination. Fur-
thermore, when the LTC1687 output is shorted, the DE pin
APPLICATIONS INFORMATION
should be pulsed low for at least 200ns after the short has
been removed. Since the LTC1686 driver is always
enabled, the LTC1686 should only be used with single
resistor termination, as shown in Figure 10.
HIGH SPEED TWISTED-PAIR TRANSMISSION
Data rates up to 52Mbps can be transmitted over 100 feet
of category 5 twisted pair. Figure 10 shows the LTC1687
receiving differential data from another LTC1687 trans-
ceiver. Figure 11a shows a 26MHz (52Mbps) square wave
propagated over 100 feet of category 5 UTP. Figure 11b
shows a more stringent case of propagating a 20ns pulse
over 100 feet of category 5 UTP. Figure 12 shows a 2MHz
(4Mbps) square wave propagated over 1000 feet of
category 5 unshielded twisted pair. Note that the LTC1686/
LTC1687 can still perform reliably at this distance and
speed. Very inexpensive unshielded telephone grade
twisted pair is shown in Figure 13. Despite the noticeable
loss at the receiver input, the LTC1686/LTC1687 can still
transfer at 30Mbps over 100 feet of telephone grade UTP.
Note that under all these conditions, the LTC1686/LTC1687
can pass through a single data pulse equal to the inverse
of the data rate (e.g., 20ns for 50Mbps data rate).
TRANSMISSION OVER LONG DISTANCES
1Mbps Over 4000 Feet Category 5 UTP
The LTC1685/LTC1686/LTC1687 family of high speed
transceivers is capable of 1Mbps transmission over 4000
feet of category 5 UTP. High quality cable provides lower
Figure 10
LTC1686/87 • F10
100
Ω
100
Ω
100
Ω
100
Ω
LTC1687
R
D
R
D
5
2
11
12
10
9
4
DE
3
RE
DE
RE
CATEGORY 5 UTP
RECEIVER
LTC1687
DRIVER
RECEIVER
DRIVER



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com