Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

LTC1687CS Datasheet(PDF) 2 Page - Linear Technology

Part # LTC1687CS
Description  52Mbps Precision Delay RS485 Fail-Safe Transceivers
PDF  12 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  LINER [Linear Technology]
Direct Link  http://www.linear.com
Logo LINER - Linear Technology

LTC1687CS Datasheet(HTML) 2 Page - Linear Technology

  LTC1687CS Datasheet HTML 1Page - Linear Technology LTC1687CS Datasheet HTML 2Page - Linear Technology LTC1687CS Datasheet HTML 3Page - Linear Technology LTC1687CS Datasheet HTML 4Page - Linear Technology LTC1687CS Datasheet HTML 5Page - Linear Technology LTC1687CS Datasheet HTML 6Page - Linear Technology LTC1687CS Datasheet HTML 7Page - Linear Technology LTC1687CS Datasheet HTML 8Page - Linear Technology LTC1687CS Datasheet HTML 9Page - Linear Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 2 / 12 page
background image
2
LTC1686/LTC1687
A
G
A
U
A
R
BSOLUTEXI
TI
S
(Note 1)
Supply Voltage (VDD) .............................................. 10V
Control Input Currents .................... – 100mA to 100mA
Control Input Voltages .................. – 0.5V to VDD + 0.5V
Driver Input Voltages .................... – 0.5V to VDD + 0.5V
Driver Output Voltages ................................. + 12V/– 7V
Receiver Input Voltages ................................ + 12V/– 7V
Receiver Output Voltages ............. – 0.5V to VDD + 0.5V
Receiver Input Differential ...................................... 10V
Driver Short-Circuit Duration
(VOUT: –7V to 10V)...................................... Indefinite
Receiver Short-Circuit Duration
(VOUT: 0V to VDD) ........................................ Indefinite
Operating Temperature Range .................... 0
°C to 70°C
Storage Temperature Range ................ – 65
°C to 150°C
Lead Temperature (Soldering, 10 sec) ................. 300
°C
SYMBOL
PARAMETER
CONDITIONS
MIN
TYP
MAX
UNITS
VOD1
Differential Driver Output (Unloaded)
IOUT = 0
q
VDD
V
VOD2
Differential Driver Output (With Load)
R = 50
Ω (RS422)
2.0
V
R = 27
Ω (RS485), Figure 1
q
1.5
VDD
V
∆VOD
Change in Magnitude of Driver Differential
R = 27
Ω or 50Ω, Figure 1
q
0.2
V
Output Voltage for Complementary
Output States
VOC
Driver Common Mode Output Voltage
R = 27
Ω or 50Ω, VDD = 5V, Figure 1
q
23
V
∆VOC
Change in Magnitude of Driver Common
R = 27
Ω or 50Ω, Figure 1
q
0.2
V
Mode Output Voltage for Complementary
Output States
VIH
Input High Voltage
D, DE, RE
q
2V
VIL
Input Low Voltage
D, DE, RE
q
0.8
V
IIN1
Input Current
D, DE, RE
q
–1
1
µA
IIN2
Input Current (A, B)
VA, VB = 12V, VDD = 0V or 5.25V
q
500
µA
VA, VB = – 7V, VDD = 0V or 5.25V
q
– 500
µA
VTH
Differential Input Threshold Voltage
– 7V
≤ VCM ≤ 12V
q
– 0.3
0.3
V
for Receiver
∆VTH
Receiver Input Hysteresis
VCM = 0V
25
mV
VOH
Receiver Output High Voltage
IOUT = – 4mA, VID = 300mV
q
3.5
4.8
V
Consult factory for Industrial and Military grade parts.
VDD = 5V ± 5% unless otherwise noted (Notes 2, 3).
DC ELECTRICAL CHARACTERISTICS
TJMAX = 125°C, θJA = 150°C/ W
PACKAGE/ORDER I FOR ATIO
LTC1687CS
TJMAX = 125°C, θJA = 90°C/ W
ORDER PART
NUMBER
14
13
12
11
10
9
8
7
6
5
4
3
2
1
TOP VIEW
S PACKAGE
14-LEAD PLASTIC SO
NC
Y
NC
Z
B
NC
VDD
D
GND
GND
R
RE
DE
A
R
D
ORDER PART
NUMBER
LTC1686CS8
S8 PART MARKING
S8 PACKAGE
8-LEAD PLASTIC SO
1
2
3
4
8
7
6
5
TOP VIEW
VDD
R
D
GND
A
B
Z
Y
R
D
1686



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com