Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

LTC1687CS Datasheet(PDF) 4 Page - Linear Technology

Part # LTC1687CS
Description  52Mbps Precision Delay RS485 Fail-Safe Transceivers
PDF  12 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  LINER [Linear Technology]
Direct Link  http://www.linear.com
Logo LINER - Linear Technology

LTC1687CS Datasheet(HTML) 4 Page - Linear Technology

  LTC1687CS Datasheet HTML 1Page - Linear Technology LTC1687CS Datasheet HTML 2Page - Linear Technology LTC1687CS Datasheet HTML 3Page - Linear Technology LTC1687CS Datasheet HTML 4Page - Linear Technology LTC1687CS Datasheet HTML 5Page - Linear Technology LTC1687CS Datasheet HTML 6Page - Linear Technology LTC1687CS Datasheet HTML 7Page - Linear Technology LTC1687CS Datasheet HTML 8Page - Linear Technology LTC1687CS Datasheet HTML 9Page - Linear Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 4 / 12 page
background image
4
LTC1686/LTC1687
ELECTRICAL CHARACTERISTICS
The q denotes specifications which apply over the full operating
temperature range.
Note 1: Absolute Maximum Ratings are those values beyond which the life
of a device may be impaired.
Note 2: All currents into the device pins are positive; all currents out of the
device pins are negative.
Note 3: All typicals are given for VDD = 5V, TA = 25°C.
Note 4: Guaranteed by design, but not tested.
Note 5: Short-circuit current does not represent output drive capability.
When the output detects a short-circuit condition, output drive current is
significantly reduced (from hundreds of mA to 20mA max) until the short
is removed.
TYPICAL PERFORMANCE CHARACTERISTICS
FREQUENCY (Hz)
10
42.0
42.5
43.5
44.0
44.5
46.5
1686/87 G01
43.0
1k
100k
1M
45.0
45.5
46.0
TA = 25°C
Receiver Input CMRR
TEMPERATURE (
°C)
–25
53
54
55
50
100
1686/87 G03
52
51
50
025
75
56
57
58
BOTH DRIVER AND RECEIVER
ENABLED AND LOADED
25Mbps DATA RATE
DATA RATE (Mbps)
1
50
60
70
40
30
1686/87 G02
40
30
10
20
50
20
10
0
BOTH DRIVER AND RECEIVER
ENABLED AND LOADED
TA = 25°C
Supply Current vs Data Rate
Supply Current vs Temperature
Receiver Propagation Delay
vs Load Capacitance
Receiver Propagation Delay
vs Common Mode
LOAD CAPACITANCE (pF)
5
0
5
10
15
20
30
15
25
35
55
1686/87 G04
105
205
25
TA = 25°C
RECEIVER COMMON MODE (V)
–7
0
5
15
20
25
–2
2
412
1686/87 G05
10
–4
0
6
8
10
TA = 25°C
Receiver Propagation Delay
vs Input Overdrive
RECEIVER INPUT OVERDRIVE (V)
0.3
0.5
0
10
25
0.7
1.25
1.5
1686/87 G06
5
20
15
1.0
2.0
2.5
TA = 25°C



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com