Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

LTC1687CS Datasheet(PDF) 12 Page - Linear Technology

Part # LTC1687CS
Description  52Mbps Precision Delay RS485 Fail-Safe Transceivers
PDF  12 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  LINER [Linear Technology]
Direct Link  http://www.linear.com
Logo LINER - Linear Technology

LTC1687CS Datasheet(HTML) 12 Page - Linear Technology

Back Button LTC1687CS Datasheet HTML 4Page - Linear Technology LTC1687CS Datasheet HTML 5Page - Linear Technology LTC1687CS Datasheet HTML 6Page - Linear Technology LTC1687CS Datasheet HTML 7Page - Linear Technology LTC1687CS Datasheet HTML 8Page - Linear Technology LTC1687CS Datasheet HTML 9Page - Linear Technology LTC1687CS Datasheet HTML 10Page - Linear Technology LTC1687CS Datasheet HTML 11Page - Linear Technology LTC1687CS Datasheet HTML 12Page - Linear Technology  
Zoom Inzoom in Zoom Outzoom out
 12 / 12 page
background image
12
LTC1686/LTC1687
© LINEAR TECHNOLOGY CORPORATION 1997
16867f LT/TP 1197 4K • PRINTED IN THE USA
Linear Technology Corporation
1630 McCarthy Blvd., Milpitas, CA 95035-7417q (408)432-1900
FAX: (408) 434-0507q TELEX: 499-3977 q www.linear-tech.com
Long traces bounded by a VDD and/or GND planes can add
substantial parasitic capacitance. Parasitic capacitances
on the receiver/driver outputs can also unduly slow down
both the propagation delay and the rise/fall times.
APPLICATIONS INFORMATION
The receiver inputs are high bandwidth and high imped-
ance. If they are left floating, any capacitive coupling from
any other signal can cause a glitch at the receiver output.
Thus, if the receiver is not being used, it is advisable to
always ground at least one of the two receiver input pins.
PACKAGE DESCRIPTION Dimensions in inches (millimeters) unless otherwise noted.
S8 Package
8-Lead Plastic Small Outline (Narrow 0.150)
(LTC DWG # 05-08-1610)
PART NUMBER
DESCRIPTION
COMMENTS
LTC490
Low Power RS485 Full-Duplex Transceiver
ICC = 300µA (Typ), SO-8 Package
LTC491
Low Power RS485 Full-Duplex Transceiver
ICC = 300µA (Typ), 14-Lead SO Package
LTC1518
High Speed Quad RS485 Receiver
52Mbps, Pin Compatible with LTC488
LTC1519
High Speed Quad RS485 Receiver
52Mbps, Pin Compatible with LTC489
LTC1520
High Speed Quad Differential Receiver
52Mbps,
±100mV Threshold, Rail-to-Rail Common Mode
LTC1685
High Speed RS485 Transceiver
52Mbps, Pin Compatible with LTC485
RELATED PARTS
SO8 0996
0.016 – 0.050
0.406 – 1.270
0.010 – 0.020
(0.254 – 0.508)
× 45°
0
°– 8° TYP
0.008 – 0.010
(0.203 – 0.254)
0.053 – 0.069
(1.346 – 1.752)
0.014 – 0.019
(0.355 – 0.483)
0.004 – 0.010
(0.101 – 0.254)
0.050
(1.270)
TYP
1
2
3
4
0.150 – 0.157**
(3.810 – 3.988)
8
7
6
5
0.189 – 0.197*
(4.801 – 5.004)
0.228 – 0.244
(5.791 – 6.197)
DIMENSION DOES NOT INCLUDE MOLD FLASH. MOLD FLASH
SHALL NOT EXCEED 0.006" (0.152mm) PER SIDE
DIMENSION DOES NOT INCLUDE INTERLEAD FLASH. INTERLEAD
FLASH SHALL NOT EXCEED 0.010" (0.254mm) PER SIDE
*
**
S Package
14-Lead Plastic Small Outline (Narrow 0.150)
(LTC DWG # 05-08-1610)
S14 0695
1
2
3
4
0.150 – 0.157**
(3.810 – 3.988)
14
13
0.337 – 0.344*
(8.560 – 8.738)
0.228 – 0.244
(5.791 – 6.197)
12
11
10
9
5
6
7
8
0.016 – 0.050
0.406 – 1.270
0.010 – 0.020
(0.254 – 0.508)
× 45°
0
° – 8° TYP
0.008 – 0.010
(0.203 – 0.254)
0.053 – 0.069
(1.346 – 1.752)
0.014 – 0.019
(0.355 – 0.483)
0.004 – 0.010
(0.101 – 0.254)
0.050
(1.270)
TYP
DIMENSION DOES NOT INCLUDE MOLD FLASH. MOLD FLASH SHALL NOT EXCEED 0.006" (0.152mm) PER SIDE
DIMENSION DOES NOT INCLUDE INTERLEAD FLASH. INTERLEAD FLASH SHALL NOT EXCEED 0.010" (0.254mm) PER SIDE
*
**



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com