Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

LTC1701 Datasheet(PDF) 1 Page - Linear Technology

Part # LTC1701
Description  1MHz Step-Down DC/DC Converter in SOT-23
PDF  12 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  LINER [Linear Technology]
Direct Link  http://www.linear.com
Logo LINER - Linear Technology

LTC1701 Datasheet(HTML) 1 Page - Linear Technology

  LTC1701 Datasheet HTML 1Page - Linear Technology LTC1701 Datasheet HTML 2Page - Linear Technology LTC1701 Datasheet HTML 3Page - Linear Technology LTC1701 Datasheet HTML 4Page - Linear Technology LTC1701 Datasheet HTML 5Page - Linear Technology LTC1701 Datasheet HTML 6Page - Linear Technology LTC1701 Datasheet HTML 7Page - Linear Technology LTC1701 Datasheet HTML 8Page - Linear Technology LTC1701 Datasheet HTML 9Page - Linear Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 12 page
background image
1
LTC1701
1MHz Step-Down
DC/DC Converter in SOT-23
December 1999
Final Electrical Specifications
Information furnished by Linear Technology Corporation is believed to be accurate and reliable.
However, no responsibility is assumed for its use. Linear Technology Corporation makes no represen-
tation that the interconnection of its circuits as described herein will not infringe on existing patent rights.
s
PDAs/Palmtop PCs
s
Digital Cameras
s
Cellular Phones
s
Portable Media Players
s
PC Cards
s
Handheld Equipment
, LTC and LT are registered trademarks of Linear Technology Corporation.
s
Tiny 5-Lead SOT-23 Package
s
Uses Tiny Capacitors and Inductor
s
High Frequency Operation: 1MHz
s
High Output Current: 500mA
s
Low RDS(ON) Internal Switch: 0.28Ω
s
High Efficiency: Up to 94%
s
Current Mode Operation for Excellent Line
and Load Transient Response
s
Short-Circuit Protected
s
Low Quiescent Current: 135
µA
s
Low Dropout Operation: 100% Duty Cycle
s
Ultralow Shutdown Current: IQ < 1µA
s
Peak Inductor Current Independent of Inductor Value
s
Output Voltages from 5V Down to 1.25V
APPLICATIO S
FEATURES
DESCRIPTIO
TYPICAL APPLICATIO
The LTC
®1701 is the industry’s first 5-lead SOT-23 step
down, current mode, DC/DC converter. Intended for small
to medium power applications, it operates from 2.5V to
5.5V input voltage range and switches at 1MHz, allowing
the use of tiny, low cost capacitors and inductors 2mm or
less in height. The output voltage is adjustable from 1.25V
to 5V. A built-in 0.28
Ω switch allows up to 0.5A of output
current at high efficiency. OPTI-LOOP
TM compensation
allows the transient response to be optimized over a wide
range of loads and output capacitors.
The LTC1701 incorporates automatic power saving Burst
Mode
TM operation to reduce gate charge losses when the
load current drops below the level required for continuous
operation. With no load, the converter draws only 135
µA.
In shutdown, it draws less than 1
µA, making it ideal for
current sensitive applications.
In dropout, the internal P-channel MOSFET switch is
turned on continuously, thereby maximizing battery life.
Its small size and switching frequency enables the com-
plete DC/DC converter function to consume less than 0.3
square inches of PC board area.
VIN
ITH/RUN
SW
VFB
GND
LTC1701
D1
L1
4.7
µH
R4
1M
C1: TAIYO YUDEN JMK316BJ106ML
C2: SANYO POSCAP 6TPA47M
D1: MBRM120L
L1: SUMIDA CD43-4R7
R3
5.1k
C3
330pF
C1
10
µF
+
R2
121k
R1
121k
C2
47
µF
1701 F01
VOUT
(2.5V/
500mA)
VIN
2.5V TO
5.5V
+
Figure 1. Step-Down 2.5V/500mA Regulator
Efficiency Curve
Burst Mode and OPTI-LOOP are trademarks of Linear Technology Corporation.
LOAD CURRENT (mA)
1
10
100
1000
100
95
90
85
80
75
70
1701 F01a
VIN = 3.3V


Similar Part No. - LTC1701

ManufacturerPart #DatasheetDescription
logo
Linear Technology
LTC1701 LINER-LTC1701 Datasheet
183Kb / 12P
1MHz Step-Down DC/DC Converters in SOT-23
LTC1701 LINER-LTC1701 Datasheet
229Kb / 16P
1.5MHz, 600mA Synchronous Step-Down egulator in ThinSOT
LTC1701 LINER-LTC1701 Datasheet
189Kb / 12P
1MHz Step-Down DC/DC Converters in SOT-23
LTC1701B LINER-LTC1701B Datasheet
183Kb / 12P
1MHz Step-Down DC/DC Converters in SOT-23
LTC1701B LINER-LTC1701B Datasheet
189Kb / 12P
1MHz Step-Down DC/DC Converters in SOT-23
More results

Similar Description - LTC1701

ManufacturerPart #DatasheetDescription
logo
National Semiconductor ...
LM3674 NSC-LM3674 Datasheet
1Mb / 15P
2MHz, 600mA Step-Down DC-DC Converter in SOT 23-5
logo
Advanced Analogic Techn...
AAT1156 ANALOGICTECH-AAT1156 Datasheet
425Kb / 14P
1MHz 700mA Step-Down DC-DC Converter
AAT1154 ANALOGICTECH-AAT1154_06 Datasheet
562Kb / 16P
1MHz 3A Step-Down DC/DC Converter
logo
National Semiconductor ...
LM3674_0609 NSC-LM3674_0609 Datasheet
1Mb / 15P
2MHz, 600mA Step-Down DC-DC Converter in SOT 23-5
logo
Advanced Analogic Techn...
AAT1154 ANALOGICTECH-AAT1154_07 Datasheet
449Kb / 16P
1MHz 3A Step-Down DC/DC Converter
logo
Linear Technology
LTC1701 LINER-LTC1701_1 Datasheet
183Kb / 12P
1MHz Step-Down DC/DC Converters in SOT-23
logo
Texas Instruments
LM3674 TI1-LM3674 Datasheet
4Mb / 25P
LM3674 2MHz, 600mA Step-Down DC-DC Converter in SOT-23
LM3674 TI1-LM3674_14 Datasheet
4Mb / 22P
2MHz, 600mA Step-Down DC-DC Converter in SOT 23-5
logo
Linear Technology
LTC1701 LINER-LTC1701_15 Datasheet
189Kb / 12P
1MHz Step-Down DC/DC Converters in SOT-23
LTC1701B LINER-LTC1701B_15 Datasheet
189Kb / 12P
1MHz Step-Down DC/DC Converters in SOT-23
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com