Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

LTC1701 Datasheet(PDF) 10 Page - Linear Technology

Part # LTC1701
Description  1MHz Step-Down DC/DC Converter in SOT-23
PDF  12 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  LINER [Linear Technology]
Direct Link  http://www.linear.com
Logo LINER - Linear Technology

LTC1701 Datasheet(HTML) 10 Page - Linear Technology

Back Button LTC1701 Datasheet HTML 4Page - Linear Technology LTC1701 Datasheet HTML 5Page - Linear Technology LTC1701 Datasheet HTML 6Page - Linear Technology LTC1701 Datasheet HTML 7Page - Linear Technology LTC1701 Datasheet HTML 8Page - Linear Technology LTC1701 Datasheet HTML 9Page - Linear Technology LTC1701 Datasheet HTML 10Page - Linear Technology LTC1701 Datasheet HTML 11Page - Linear Technology LTC1701 Datasheet HTML 12Page - Linear Technology  
Zoom Inzoom in Zoom Outzoom out
 10 / 12 page
background image
10
LTC1701
TYPICAL APPLICATIO S
VIN
ITH/RUN
SW
VFB
GND
C4
0.1
µF
+
R3
5.1k
R4
1M
R1
121k
D1
C3
330pF
C1
15
µF
+
C2
15
µF
R2
121k
L1
4.7
µH
VIN
2.7V TO 5.5V
VOUT
(2.5V/0.5A)
LTC1701
C1, C2: AVX TAJA156M010R
C4: TAIYO YUDEN EMK107BJ104MA
D1: MBR0520
L1: MURATA LQH3C4R7M24 OR TAIYO YUDEN LEMC3225B4R7M
1701 TA01
VIN
ITH/RUN
SW
VFB
GND
C4
1
µF
+
R3
5.1k
R4
1M
R1
100k
D1
C3
330pF
C1
15
µF
C5
4.7
µF
+
C2
22
µF
R2
20k
L1
4.7
µH
VIN
2.5V TO 5.5V
VOUT
(1.5V/0.5A)
LTC1701
C1: AVX TAJA156M010R
C2: AVX TAJA226M006R
C4: TAIYO YUDEN LMK212BJ105MG
C5: TAIYO YUDEN JMK212BJ475MG
D1: MBRM120L
L1: MURATA LQH3C4R7M24
1701 TA02
3- to 4-Cell NiCd/NiMH to 2.5V Converter
2mm Nominal Height 1.5V Converter
5. Keep sensitive components away from the SW pin. The
input capacitor CIN, the compensation capacitor CC and all
the resistors R1, R2, RC and RS should be routed away
from the SW trace and the components L1 and D1.
SW
VFB
VIN
ITH/RUN
GND
LTC1701
D1
L1
R2
R1
COUT
1701 F04
VOUT
VIN
1
2
3
5
4
CIN
CC
RC
RS
BOLD LINES INDICATE HIGH CURRENT PATHS
+
+
Figure 4. LTC1701 Layout Diagram (See Board Layout Checklist)
APPLICATIO S I FOR ATIO



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com