Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

LTC1701 Datasheet(PDF) 12 Page - Linear Technology

Part # LTC1701
Description  1MHz Step-Down DC/DC Converter in SOT-23
PDF  12 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  LINER [Linear Technology]
Direct Link  http://www.linear.com
Logo LINER - Linear Technology

LTC1701 Datasheet(HTML) 12 Page - Linear Technology

Back Button LTC1701 Datasheet HTML 4Page - Linear Technology LTC1701 Datasheet HTML 5Page - Linear Technology LTC1701 Datasheet HTML 6Page - Linear Technology LTC1701 Datasheet HTML 7Page - Linear Technology LTC1701 Datasheet HTML 8Page - Linear Technology LTC1701 Datasheet HTML 9Page - Linear Technology LTC1701 Datasheet HTML 10Page - Linear Technology LTC1701 Datasheet HTML 11Page - Linear Technology LTC1701 Datasheet HTML 12Page - Linear Technology  
Zoom Inzoom in Zoom Outzoom out
 12 / 12 page
background image
12
LTC1701
Linear Technology Corporation
1630 McCarthy Blvd., Milpitas, CA 95035-7417
(408)432-1900 q FAX:(408)434-0507 q www.linear-tech.com
©LINEAR TECHNOLOGY CORPORATION 1999
1701i LT/TP 1299 4K • PRINTED IN USA
PART NUMBER
DESCRIPTION
COMMENTS
LTC1174/LTC1174-3.3/
High Efficiency Step-Down and Inverting DC/DC Converter
Monolithic Switching Regulator, Burst Mode Operation,
LTC1174-5
IOUT Up to 300mA, SO-8
LTC1265
1.2A, High Efficiency Step-Down DC/DC Converter
Monolithic, Burst Mode Operation, High Efficiency
LT1375/LT1376
1.5A, 500kHz Step-Down Switching Regulator
High Frequency, Small Inductor, High Efficiency, SO-8
LTC1435/LTC1435A
High Efficiency, Low Noise, Synchronous Step-Down Converter
3.5V
≤ VIN ≤ 36V, 16-Pin Narrow SO and SSOP
LTC1474/LTC1475
Low Quiescent Current High Efficiency Step-Down Converter
10
µA IQ, 8-Pin MSOP and SO Packages
LTC1622
Low Input Voltage Current Mode Step-Down DC/DC Controller
High Frequency, High Efficiency, 8-Pin MSOP
LTC1627
Monolithic Synchronous Step-Down Switching Regulator
SO-8, 2.65V
≤ VIN ≤ 10V, IOUT Up to 500mA
LTC1707
Monolithic Synchronous Step-Down Switching Regulator
SO-8, 2.95V
≤ VIN ≤ 10V, VREF Output
LTC1772
Low Input Voltage Current Mode Step-Down DC/DC Controller
550kHz, 6-Pin SOT-23, IOUT Up to 5A, 2.2V < VIN < 10V
RELATED PARTS
+
VIN
ITH/RUN
SW
VFB
GND
C2
15
µF
+
C1
33
µF
R3
5.1k
R4
1M
R1
20.5k
L2
D1
C3
330pF
C4
1
µF
CERAMIC
R2
34k
L1
4.7
µH
C6
4.7
µF
VIN
2.5V TO 4.2V
VOUT
(3.3V)
LTC1701
C1: AVX TPSB336K006R0600
C2: TAJA156M010R
C6: TAIYO YUDEN JMK212BJ475MG
D1: MBR0520L
L1, L2: COILTRONICS CTX5-1
1701 TA04
VIN
IOUT(MAX)
2.5V
200mA
3.0V
225mA
3.5V
250mA
4.0V
280mA
4.2V
290mA
Single Cell Li-Ion to 3.3V Buck Boost Converter
TYPICAL APPLICATIO



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com