Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

LTC1701 Datasheet(PDF) 11 Page - Linear Technology

Part # LTC1701
Description  1MHz Step-Down DC/DC Converter in SOT-23
PDF  12 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  LINER [Linear Technology]
Direct Link  http://www.linear.com
Logo LINER - Linear Technology

LTC1701 Datasheet(HTML) 11 Page - Linear Technology

Back Button LTC1701 Datasheet HTML 4Page - Linear Technology LTC1701 Datasheet HTML 5Page - Linear Technology LTC1701 Datasheet HTML 6Page - Linear Technology LTC1701 Datasheet HTML 7Page - Linear Technology LTC1701 Datasheet HTML 8Page - Linear Technology LTC1701 Datasheet HTML 9Page - Linear Technology LTC1701 Datasheet HTML 10Page - Linear Technology LTC1701 Datasheet HTML 11Page - Linear Technology LTC1701 Datasheet HTML 12Page - Linear Technology  
Zoom Inzoom in Zoom Outzoom out
 11 / 12 page
background image
11
LTC1701
VIN
ITH/RUN
SW
VFB
GND
C4
1
µF
+
R3
5.1k
R5
5.1M
R1
20.5k
D1
C3
330pF
C1
15
µF
C5
4.7
µF
+
C2
22
µF
R2
34k
R4
1M
L1
4.7
µH
VIN
5V
VOUT
(3.3V/0.5A)
LTC1701
C1: AVX TAJA156M010R
C2: AVX TAJA226M006R
C4: TAIYO YUDEN LMK212BJ105MG
C5: TAIYO YUDEN JMK212BJ475MG
D1: MBRM120L
L1: MURATA LQH3C4R7M24
1701 TA03
ON
OFF
Dimensions in inches (millimeters) unless otherwise noted.
PACKAGE DESCRIPTIO
0.95
(0.037)
REF
1.50 – 1.75
(0.059 – 0.069)
0.35 – 0.55
(0.014 – 0.022)
0.35 – 0.50
(0.014 – 0.020)
FIVE PLACES (NOTE 2)
S5 SOT-23 0599
2.80 – 3.00
(0.110 – 0.118)
(NOTE 3)
1.90
(0.074)
REF
0.90 – 1.45
(0.035 – 0.057)
0.90 – 1.30
(0.035 – 0.051)
0.00 – 0.15
(0.00 – 0.006)
0.09 – 0.20
(0.004 – 0.008)
(NOTE 2)
2.60 – 3.00
(0.102 – 0.118)
NOTE:
1. DIMENSIONS ARE IN MILLIMETERS
2. DIMENSIONS ARE INCLUSIVE OF PLATING
3. DIMENSIONS ARE EXCLUSIVE OF MOLD FLASH AND METAL BURR
4. MOLD FLASH SHALL NOT EXCEED 0.254mm
5. PACKAGE EIAJ REFERENCE IS SC-74A (EIAJ)
S5 Package
5-Lead Plastic SOT-23
(LTC DWG # 05-08-1633)
5V to 3.3V Converter with Push-Button On/Off
TYPICAL APPLICATIO S



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com