Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

LTC2410IGN Datasheet(PDF) 24 Page - Linear Technology

Part # LTC2410IGN
Description  24-Bit No Latency ADC with Differential Input and Differential Reference
PDF  44 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  LINER [Linear Technology]
Direct Link  http://www.linear.com
Logo LINER - Linear Technology

LTC2410IGN Datasheet(HTML) 24 Page - Linear Technology

Back Button LTC2410IGN Datasheet HTML 20Page - Linear Technology LTC2410IGN Datasheet HTML 21Page - Linear Technology LTC2410IGN Datasheet HTML 22Page - Linear Technology LTC2410IGN Datasheet HTML 23Page - Linear Technology LTC2410IGN Datasheet HTML 24Page - Linear Technology LTC2410IGN Datasheet HTML 25Page - Linear Technology LTC2410IGN Datasheet HTML 26Page - Linear Technology LTC2410IGN Datasheet HTML 27Page - Linear Technology LTC2410IGN Datasheet HTML 28Page - Linear Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 24 / 44 page
background image
LTC2410
24
APPLICATIO S I FOR ATIO
REF+ and REFpins and external capacitance CREF con-
nected to these pins are shown in Figures 22, 23, 24
and 25.
In addition to this gain error, the converter INL perfor-
mance is degraded by the reference source impedance.
When FO = LOW (internal oscillator and 60Hz notch), every
100
Ω of source resistance driving REF+ or REFtranslates
into about 1.34ppm additional INL error. When FO = HIGH
(internal oscillator and 50Hz notch), every 100
Ωof source
resistance driving REF+ or REFtranslates into about
1.1ppm additional INL error. When FO is driven by an
external oscillator with a frequency fEOSC, every 100Ω of
source resistance driving REF+ or REFtranslates into
about 8.73 • 10–6 • fEOSCppm additional INL error.
Figure 26 shows the typical INL error due to the source
resistance driving the REF+ or REFpins when large CREF
values are used. The effect of the source resistance on the
two reference pins is additive with respect to this INL error.
In general, matching of source impedance for the REF+
and REFpins does not help the gain or the INL error. The
user is thus advised to minimize the combined source
impedance driving the REF+ and REFpins rather than to
try to match it.
Figure 22. +FS Error vs RSOURCE at REF+ or REF(Small CIN)
Figure 23. –FS Error vs RSOURCE at REF+ or REF(Small CIN)
Figure 24. +FS Error vs RSOURCE at REF+ and REF(Large CREF)
Figure 25. –FS Error vs RSOURCE at REF+ and REF(Large CREF)
RSOURCE (Ω)
1.E+00
1.E+01
1.E+02
1.E+03
1.E+04
1.E+05
2410 F22
0
–10
–20
–30
–40
–50
VCC = 5V
REF+ = 5V
REF = GND
IN+ = 5V
IN = 2.5V
FO = GND
TA = 25°C
CREF = 0.01µF
CREF = 0.001µF
CREF = 100pF
CREF = 0pF
RSOURCE (Ω)
1.E+00
1.E+01
1.E+02
1.E+03
1.E+04
1.E+05
2410 F23
50
40
30
20
10
0
VCC = 5V
REF+ = 5V
REF = GND
IN+ = GND
IN = 2.5V
FO = GND
TA = 25°C
CREF = 0.01µF
CREF = 0.001µF
CREF = 100pF
CREF = 0pF
RSOURCE (Ω)
0 100 200 300 400 500 600 700 800 900 1000
2410 F24
0
–90
–180
–270
–360
–450
VCC = 5V
REF+ = 5V
REF= GND
IN+ = 3.75V
IN = 1.25V
FO = GND
TA = 25°C
CREF = 0.01µF
CREF = 0.1µF
CREF = 1µF, 10µF
RSOURCE (Ω)
0 100 200 300 400 500 600 700 800 900 1000
2410 F25
450
360
270
180
90
0
VCC = 5V
REF+ = 5V
REF= GND
IN+ = 1.25V
IN = 3.75V
FO = GND
TA = 25°C
CREF = 0.01µF
CREF = 0.1µF
CREF = 1µF, 10µF



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com