Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

LTC2410IGN Datasheet(PDF) 41 Page - Linear Technology

Part # LTC2410IGN
Description  24-Bit No Latency ADC with Differential Input and Differential Reference
PDF  44 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  LINER [Linear Technology]
Direct Link  http://www.linear.com
Logo LINER - Linear Technology

LTC2410IGN Datasheet(HTML) 41 Page - Linear Technology

Back Button LTC2410IGN Datasheet HTML 36Page - Linear Technology LTC2410IGN Datasheet HTML 37Page - Linear Technology LTC2410IGN Datasheet HTML 38Page - Linear Technology LTC2410IGN Datasheet HTML 39Page - Linear Technology LTC2410IGN Datasheet HTML 40Page - Linear Technology LTC2410IGN Datasheet HTML 41Page - Linear Technology LTC2410IGN Datasheet HTML 42Page - Linear Technology LTC2410IGN Datasheet HTML 43Page - Linear Technology LTC2410IGN Datasheet HTML 44Page - Linear Technology  
Zoom Inzoom in Zoom Outzoom out
 41 / 44 page
background image
LTC2410
41
TYPICAL APPLICATIO S
**********************************
* The next short loop waits for the
*
* LTC2410's conversion to finish before *
* starting the SPI data transfer
*
**********************************
*
CONVEND LDAA
PORTD
Retrieve the contents of port D
ANDA
#%00000100
Look at bit 2
*
Bit 2 = Hi; the LTC2410's conversion is not
*
complete
*
Bit 2 = Lo; the LTC2410's conversion is complete
BNE
CONVEND
Branch to the loop's beginning while bit 2 remains
high
*
*
********************
* The SPI data transfer *
********************
*
TRFLP1
LDAA
#$0
Load accumulator A with a null byte for SPI transfer
STAA
SPDR
This writes the byte in the SPI data register and starts
*
the transfer
WAIT1
LDAA
SPSR
This loop waits for the SPI to complete a serial
transfer/exchange by reading the SPI Status Register
BPL
WAIT1
The SPIF (SPI transfer complete flag) bit is the SPSR's MSB
*
and is set to one at the end of an SPI transfer. The branch
*
will occur while SPIF is a zero.
LDAA
SPDR
Load accumulator A with the current byte of LTC2410 data
that was just received
STAA
0,X
Transfer the LTC2410's data to memory
INX
Increment the pointer
CPX
#DIN4+1 Has the last byte been transferred/exchanged?
BNE
TRFLP1
If the last byte has not been reached, then proceed to the
*
next byte for transfer/exchange
BSET
PORTD,Y %00100000 This sets the SS* output bit to a logic high,
*
de-selecting the LTC2410
PULA
Restore the A register
PULY
Restore the Y register
PULX
Restore the X register
RTS
Figure 55. This is an Example of 68HC11 Code That Captures the LTC2410’s
Conversion Results Over the SPI Serial Interface Shown in Figure 54



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com