Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

LTC2410IGN Datasheet(PDF) 28 Page - Linear Technology

Part # LTC2410IGN
Description  24-Bit No Latency ADC with Differential Input and Differential Reference
PDF  44 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  LINER [Linear Technology]
Direct Link  http://www.linear.com
Logo LINER - Linear Technology

LTC2410IGN Datasheet(HTML) 28 Page - Linear Technology

Back Button LTC2410IGN Datasheet HTML 24Page - Linear Technology LTC2410IGN Datasheet HTML 25Page - Linear Technology LTC2410IGN Datasheet HTML 26Page - Linear Technology LTC2410IGN Datasheet HTML 27Page - Linear Technology LTC2410IGN Datasheet HTML 28Page - Linear Technology LTC2410IGN Datasheet HTML 29Page - Linear Technology LTC2410IGN Datasheet HTML 30Page - Linear Technology LTC2410IGN Datasheet HTML 31Page - Linear Technology LTC2410IGN Datasheet HTML 32Page - Linear Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 28 / 44 page
background image
LTC2410
28
APPLICATIO S I FOR ATIO
Normal Mode Rejection and Antialiasing
One of the advantages delta-sigma ADCs offer over con-
ventional ADCs is on-chip digital filtering. Combined with
a large oversampling ratio, the LTC2410 significantly
simplifies antialiasing filter requirements.
The Sinc4 digital filter provides greater than 120dB normal
mode rejection at all frequencies except DC and integer
multiples of the modulator sampling frequency (fS). The
LTC2410’s autocalibration circuits further simplify the
antialiasing requirements by additional normal mode sig-
nal filtering both in the analog and digital domain. Inde-
pendent of the operating mode, fS = 256 • fN = 2048 •
fOUTMAX where fN in the notch frequency and fOUTMAX is
the maximum output data rate. In the internal oscillator
mode with a 50Hz notch setting, fS = 12800Hz and with a
60Hz notch setting fS = 15360Hz. In the external oscillator
mode, fS = fEOSC/10.
The combined normal mode rejection performance is
shown in Figure 36 for the internal oscillator with 50Hz
notch setting (FO = HIGH) and in Figure 37 for the internal
oscillator with 60Hz notch setting (FO = LOW) and for the
external oscillator mode. The regions of low rejection
occurring at integer multiples of fS have a very narrow
bandwidth. Magnified details of the normal mode rejection
curves are shown in Figure 38 (rejection near DC) and
Figure 39 (rejection at fS = 256fN) where fN represents the
notch frequency. These curves have been derived for the
external oscillator mode but they can be used in all
operating modes by appropriately selecting the fN value.
The user can expect to achieve in practice this level of
performance using the internal oscillator as it is demon-
strated by Figures 40 and 41. Typical measured values of
the normal mode rejection of the LTC2410 operating with
an internal oscillator and a 60Hz notch setting are shown
in Figure 40 superimposed over the theoretical calculated
curve. Similarly, typical measured values of the normal
mode rejection of the LTC2410 operating with an internal
oscillator and a 50Hz notch setting are shown in Figure 41
superimposed over the theoretical calculated curve.
As a result of these remarkable normal mode specifica-
tions, minimal (if any) antialias filtering is required in front
of the LTC2410. If passive RC components are placed in
Figure 35. Input Signal Bandwidth Using the Internal Oscillator
Figure 36. Input Normal Mode Rejection,
Internal Oscillator and 50Hz Notch
Figure 37. Input Normal Mode Rejection, Internal
Oscillator and 60Hz Notch or External Oscillator
DIFFERENTIAL INPUT SIGNAL FREQUENCY (Hz)
0
0.5
1
1.5
2
2.5
3
3.5
4
4.5
5
2410 F35
0.0
–0.5
–1.0
–1.5
–2.0
–2.5
–3.0
–3.5
–4.0
–4.5
–5.0
–5.5
–6.0
FO = HIGH
FO = LOW
DIFFERENTIAL INPUT SIGNAL FREQUENCY (Hz)
0fS 2fS 3fS 4fS 5fS 6fS 7fS 8fS 9fS10fS11fS12fS
2410 F36
0
–10
–20
–30
–40
–50
–60
–70
–80
–90
–100
–110
–120
FO = HIGH
FO = LOW OR
FO = EXTERNAL OSCILLATOR,
fEOSC = 10 • fS
DIFFERENTIAL INPUT SIGNAL FREQUENCY (Hz)
0fS
2410 F37
0
–10
–20
–30
–40
–50
–60
–70
–80
–90
–100
–110
–120
2fS 3fS 4fS 5fS 6fS 7fS 8fS 9fS 10fS



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com