Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

LTC2410IGN Datasheet(PDF) 36 Page - Linear Technology

Part # LTC2410IGN
Description  24-Bit No Latency ADC with Differential Input and Differential Reference
PDF  44 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  LINER [Linear Technology]
Direct Link  http://www.linear.com
Logo LINER - Linear Technology

LTC2410IGN Datasheet(HTML) 36 Page - Linear Technology

Back Button LTC2410IGN Datasheet HTML 32Page - Linear Technology LTC2410IGN Datasheet HTML 33Page - Linear Technology LTC2410IGN Datasheet HTML 34Page - Linear Technology LTC2410IGN Datasheet HTML 35Page - Linear Technology LTC2410IGN Datasheet HTML 36Page - Linear Technology LTC2410IGN Datasheet HTML 37Page - Linear Technology LTC2410IGN Datasheet HTML 38Page - Linear Technology LTC2410IGN Datasheet HTML 39Page - Linear Technology LTC2410IGN Datasheet HTML 40Page - Linear Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 36 / 44 page
background image
LTC2410
36
APPLICATIO S I FOR ATIO
The error associated with the 10V excitation would be
–80ppm. Hence, overall reference error could be as high
as 130ppm, the average of the two.
Figure 52 shows a similar scheme to provide excitation
using resistor arrays to produce precise gain. The circuit
is configured to provide 10V and –5V excitation to the
bridge, producing a common mode voltage at the input to
the LTC2410 of 2.5V, maximizing the AC input range for
applications where induced 60Hz could reach amplitudes
up to 2VRMS.
The last two example circuits could be used where mul-
tiple bridge circuits are involved and bridge output can be
multiplexed onto a single LTC2410, via an inexpensive
multiplexer such as the 74HC4052.
Figure 53 shows the use of an LTC2410 with a differential
multiplexer. This is an inexpensive multiplexer that will
contribute some error due to leakage if used directly with
the output from the bridge, or if resistors are inserted as
a protection mechanism from overvoltage. Although the
bridge output may be within the input range of the A/D and
multiplexer in normal operation, some thought should be
given to fault conditions that could result in full excitation
voltage at the inputs to the multiplexer or ADC. The use of
amplification prior to the multiplexer will largely eliminate
errors associated with channel leakage developing error
voltages in the source impedance.
Figure 50. Remote Half Bridge Sensing with Noise Suppression on Reference
Figure 49. Remote Half Bridge Interface
2410 F49
REF+
REF
IN+
IN
GND
VCC
VS
2.7V TO 5.5V
3
4
5
6
PLATINUM
100
RTD
R1
25.5k
0.1%
1, 7, 8, 9,
10, 15, 16
2
LTC2410
REF+
REF
IN
GND
VCC
5V
3
4
6
2410 F50
1, 7, 8, 9,
10, 15, 16
2
LTC2410
+
LTC1050
5V
PLATINUM
100
RTD
560
R3
10k
5%
R1
10k, 5%
R2
10k
0.1%
1
µF
IN+
5
10k
10k



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com