Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

RH118 Datasheet(PDF) 1 Page - Linear Technology

Part # RH118
Description  Quad Precision Operational Amplifier
PDF  8 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  LINER [Linear Technology]
Direct Link  http://www.linear.com
Logo LINER - Linear Technology

RH118 Datasheet(HTML) 1 Page - Linear Technology

  RH118 Datasheet HTML 1Page - Linear Technology RH118 Datasheet HTML 2Page - Linear Technology RH118 Datasheet HTML 3Page - Linear Technology RH118 Datasheet HTML 4Page - Linear Technology RH118 Datasheet HTML 5Page - Linear Technology RH118 Datasheet HTML 6Page - Linear Technology RH118 Datasheet HTML 7Page - Linear Technology RH118 Datasheet HTML 8Page - Linear Technology  
Zoom Inzoom in Zoom Outzoom out
 1 / 8 page
background image
1
RH1014M
Quad Precision
Operational Amplifier
A
G
A
U
A
R
BSOLUTEXI
TI
S
The RH1014M is the first precision quad operational
amplifier which directly upgrades designs in the industry
standard 8-pin DIP LM124/LM148/OP-11/5156 pin con-
figuration. Low offset voltage (300µV max), low drift
( 2.5µV/°C), low offset current ( 1.5nA), and high gain
(1.2 million min) combine to make the RH1014M four truly
precision amplifers in one package.
The wafer lots are processed to Linear Technology’s in-
house Class S flow to yield circuits usable in stringent
military applications.
DESCRIPTIO
Supply Voltage ..................................................... ± 22V
Differential Input Voltage ...................................... ±30V
Input Voltage .............. Equal to Positive Supply Voltage
................................. 5V Below Negative Supply Voltage
Output Short-Circuit Duration ......................... Indefinite
Operating Temperature Range .............. – 55°C to 125°C
Storage Temperature Range ................. – 65°C to 150°C
Lead Temperature (Soldering, 10 sec).................. 300°C
, LTC and LT are registered trademarks of Linear Technology Corporation.
BUR -I CIRCUIT
PACKAGE I FOR ATIO
RH1014M
20V
–20V
50k
100
Ω
50k
RH1014M BI
1
2
3
4
5
6
7
TOP VIEW
J PACKAGE
14-LEAD CERAMIC DIP
14
13
12
11
10
9
8
OUT A
–IN A
+IN A
V+
+IN B
–IN B
OUT B
OUT D
–IN D
+IN D
V–
+IN C
–IN C
OUT C
TOP VIEW
OUT A
–IN A
+IN A
V+
+IN B
–IN B
OUT B
OUT D
–IN D
+IN D
V+
+IN C
–IN C
OUT C
14
13
12
11
10
9
8
1
2
3
4
5
6
7
WB PACKAGE
14-LEAD FLATPAK METAL SEALED
BOTTOM BRAZED


Similar Part No. - RH118

ManufacturerPart #DatasheetDescription
logo
Linear Technology
RH118 LINER-RH118 Datasheet
158Kb / 4P
Precision, High Speed Operational Amplifier
logo
Analog Devices
RH118 AD-RH118 Datasheet
675Kb / 4P
Precision, High Speed Operational Amplifier
Rev. E
logo
Linear Technology
RH1185AMK LINER-RH1185AMK Datasheet
554Kb / 6P
Negative Regulator with Adjustable Current Limit
RH1185AMK LINER-RH1185AMK Datasheet
84Kb / 2P
Negative Regulator with Adjustable Current Limit
RH1185AMK LINER-RH1185AMK_15 Datasheet
84Kb / 2P
Negative Regulator with Adjustable Current Limit
More results

Similar Description - RH118

ManufacturerPart #DatasheetDescription
logo
National Semiconductor ...
LMC6064 NSC-LMC6064 Datasheet
329Kb / 12P
Precision CMOS Quad Micropower Operational Amplifier
logo
Intersil Corporation
HA-5134 INTERSIL-HA-5134 Datasheet
963Kb / 9P
4MHz, Precision, Quad Operational Amplifier
August 1998
HA-5134883 INTERSIL-HA-5134883 Datasheet
123Kb / 5P
Precision Quad Operational Amplifier
logo
National Semiconductor ...
LMC6084 NSC-LMC6084 Datasheet
729Kb / 14P
Precision CMOS Quad Operational Amplifier
logo
Intersil Corporation
HA-5134 INTERSIL-HA-5134_01 Datasheet
872Kb / 9P
4MHz, Precision, Quad Operational Amplifier
July 2001
logo
STMicroelectronics
TS514 STMICROELECTRONICS-TS514_05 Datasheet
248Kb / 10P
Precision Quad Operational Amplifier
Sep-2005
logo
Texas Instruments
LT1014D-EP TI-LT1014D-EP Datasheet
630Kb / 21P
QUAD PRECISION OPERATIONAL AMPLIFIER
logo
Linear Technology
RH1014M LINER-RH1014M_15 Datasheet
115Kb / 6P
Quad Precision Operational Amplifier
logo
Texas Instruments
LT1014D-EP TI-LT1014D-EP_15 Datasheet
684Kb / 22P
QUAD PRECISION OPERATIONAL AMPLIFIER
LMP2234 TI1-LMP2234 Datasheet
1Mb / 31P
Quad Micropower, 1.6V, Precision, Operational Amplifier
More results


Html Pages

1 2 3 4 5 6 7 8


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com