Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

RH118 Datasheet(PDF) 2 Page - Linear Technology

Part # RH118
Description  Quad Precision Operational Amplifier
PDF  8 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  LINER [Linear Technology]
Direct Link  http://www.linear.com
Logo LINER - Linear Technology

RH118 Datasheet(HTML) 2 Page - Linear Technology

  RH118 Datasheet HTML 1Page - Linear Technology RH118 Datasheet HTML 2Page - Linear Technology RH118 Datasheet HTML 3Page - Linear Technology RH118 Datasheet HTML 4Page - Linear Technology RH118 Datasheet HTML 5Page - Linear Technology RH118 Datasheet HTML 6Page - Linear Technology RH118 Datasheet HTML 7Page - Linear Technology RH118 Datasheet HTML 8Page - Linear Technology  
Zoom Inzoom in Zoom Outzoom out
 2 / 8 page
background image
2
RH1014M
(Pre-Irradiation)
TABLE 1: ELECTRICAL CHARACTERISTICS
– 55°C T A 125°C
VS = ±15V, VCM = 0V, unless otherwise noted.
TA = 25°C
SUB-
SUB-
SYMBOL PARAMETER
CONDITIONS
NOTES
MIN
TYP
MAX
GROUP
MIN
TYP
MAX
GROUP
UNITS
VOS
Input Offset Voltage
300
1
550
2,3
µV
2
450
1
µV
VCM = 0.1V
2
750
2
µV
V OS
Average Tempco of Offset
1
2.5
µV/°C
Temp
Voltage
V OS
Long Term VOS Stability
0.5
µV/Mo
Time
IOS
Input Offset Current
10
1
20
2,3
nA
2
10
1
20
2,3
nA
IB
Input Bias Current
30
1
45
2,3
nA
2
50
1
120
2,3
nA
en
Input Noise Voltage
0.1Hz to 10Hz
0.55
µVP-P
Input Noise Voltage
fO = 10Hz
24
nV/ Hz
Density
fO = 1000Hz
22
nV/ Hz
in
Input Noise Current
fO = 10Hz
0.07
pA/ Hz
Density
RIN
Input Resistance
Differential
1
70
M
Common Mode
4
G
AVOL
Large-Signal Voltage Gain
VO = ±10V, RL 2k
1.2
4
0.25
5,6
V/µV
VO = ±10V, RL 600
0.5
4
V/µV
VO = 5mV to 4V, RL = 500
2
1
V/µV
Input Voltage Range
1
13.5
V
1
–15.0
V
1,2
3.5
V
1,2
0
V
CMRR
Common-Mode Rejection
VCM = 13.5V, –15V
97
1
dB
Ratio
VCM = 13V, –14.9V
94
2,3
dB
PSRR
Power Supply Rejection
VS = ± 2V to ±18V
100
1
97
2,3
dB
Ratio
Channel Separation
VO = ±10V, RL = 2k
120
1
dB
VOUT
Output Voltage Swing
RL 2k
±12.5
4
±11.5
5,6
V
Output Low, No Load
2
25
4
mV
Output Low, 600 to GND
2
10
4
18
5,6
mV
Output Low, ISINK = 1mA
2
350
4
mV
Output High, No Load
2
4.0
4
V
Output High, 600 to GND
2
3.4
4
3.1
5,6
V
SR
Slew Rate
0.2
4
V/µs
IS
Supply Current
Per Amplifier
0.55
1
0.70
2,3
mA
2
0.50
1
0.65
2,3
mA



Html Pages

1 2 3 4 5 6 7 8


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com