Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

RH118 Datasheet(PDF) 3 Page - Linear Technology

Part # RH118
Description  Quad Precision Operational Amplifier
PDF  8 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  LINER [Linear Technology]
Direct Link  http://www.linear.com
Logo LINER - Linear Technology

RH118 Datasheet(HTML) 3 Page - Linear Technology

  RH118 Datasheet HTML 1Page - Linear Technology RH118 Datasheet HTML 2Page - Linear Technology RH118 Datasheet HTML 3Page - Linear Technology RH118 Datasheet HTML 4Page - Linear Technology RH118 Datasheet HTML 5Page - Linear Technology RH118 Datasheet HTML 6Page - Linear Technology RH118 Datasheet HTML 7Page - Linear Technology RH118 Datasheet HTML 8Page - Linear Technology  
Zoom Inzoom in Zoom Outzoom out
 3 / 8 page
background image
3
RH1014M
SYMBOL PARAMETER
CONDITIONS
NOTES MIN
MAX
MIN
MAX MIN
MAX
MIN
MAX
MIN
MAX UNITS
VOS
Input Offset Voltage
450
450
600
750
900
µV
2
600
600
750
900
µV
IOS
Input Offset Current
10
10
15
20
25
nA
210
10
15
20
nA
IB
Input Bias Current
60
75
100
175
250
nA
2
80
100
125
200
nA
Input Voltage Range
1
13.5
13.5
13.5
13.5
13.5
V
1
–15.0
–15.0
– 15.0
– 15.0
–15.0
V
2
3.5
3.5
3.5
3.5
V
20
0
0
0
V
CMRR
Common-Mode Rejection
VCM = 13V, – 15V
97
97
94
90
86
dB
Ratio
PSRR
Power Supply Rejection
VS = ±10V to ±18V
100
98
94
86
80
dB
Ratio
AVOL
Large-Signal Voltage Gain
RL 10k, V O = ±10V
500
200
100
50
25
V/mV
VOUT
Maximum Output Voltage
RL 10k
±12.5
±12.5
±12.5
±12.5
±12.5
V
Swing
Output Low, No Load
2
25
30
40
50
mV
Output Low, 600 to GND
2
10
10
10
10
mV
Output Low, ISINK = 1mA
2
0.6
0.8
1.0
1.6
V
Output High, No Load
2
4.0
4.0
4.0
4.0
V
Output High, 600 to GND
2
3.4
3.2
3.0
2.8
V
SR
Slew Rate
RL 10k
0.13
0.12
0.11
0.07
0.01
V/µs
IS
Supply Current
Per Amplifier
0.55
0.55
0.55
0.55
0.55
mA
2
0.50
0.50
0.50
0.50
mA
VS = ±15V, VCM = 0V, TA = 25°C, unless otherwise noted.
TABLE 1A: ELECTRICAL CHARACTERISTICS (Post-Irradiation) (Note 3)
200KRAD(Si)
100KRAD(Si)
50KRAD(Si)
20KRAD(Si)
10KRAD(Si)
Note 1: Guaranteed by design, characterization, or correlation to other
tested parameters..
Note 2: Specification applies for VS+ = 5V, VS– = 0V, VCM = 0V,
VOUT = 1.4V.



Html Pages

1 2 3 4 5 6 7 8


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com