Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

RH118 Datasheet(PDF) 4 Page - Linear Technology

Part # RH118
Description  Quad Precision Operational Amplifier
PDF  8 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  LINER [Linear Technology]
Direct Link  http://www.linear.com
Logo LINER - Linear Technology

RH118 Datasheet(HTML) 4 Page - Linear Technology

  RH118 Datasheet HTML 1Page - Linear Technology RH118 Datasheet HTML 2Page - Linear Technology RH118 Datasheet HTML 3Page - Linear Technology RH118 Datasheet HTML 4Page - Linear Technology RH118 Datasheet HTML 5Page - Linear Technology RH118 Datasheet HTML 6Page - Linear Technology RH118 Datasheet HTML 7Page - Linear Technology RH118 Datasheet HTML 8Page - Linear Technology  
Zoom Inzoom in Zoom Outzoom out
 4 / 8 page
background image
4
RH1014M
MIL-STD-883 TEST REQUIREMENTS
SUBGROUP
Final Electrical Test Requirements (Method 5004)
1*,2,3,4,5,6
Group A Test Requirements (Method 5005)
1,2,3,4,5,6
Group B and D for Class S, and
1,2,3
Group C and D for Class B
End Point Electrical Parameters (Method 5005)
* PDA applies to subgroup 1. See PDA Test Notes.
TABLE 2: ELECTRICAL TEST REQUIRE E TS
PDA Test Notes
The PDA is specified as 5% based on failures from group A, subgroup 1,
tests after cooldown as the final electrical test in accordance with method
5004 of MIL-STD-883. The verified failures of group A, subgroup 1, after
burn-in divided by the total number of devices submitted for burn-in in
that lot shall be used to determine the percent for the lot.
Linear Technology Corporation reserves the right to test to tighter limits
than those given.
TOTAL DOSE BIAS CIRCUIT
Negative Slew Rate
Positive Slew Rate
CC
HARA TERISTICS
A
TYPICALPERFOR
CE
TOTAL DOSE KRAD (Si)
1
0.8
0.6
0.4
0.2
0
10
100
1000
RH1014M G03
VS = ±15V
RL = 10k
TOTAL DOSE KRAD (Si)
1
0.8
0.6
0.4
0.2
0
10
100
1000
RH1014M G02
VS = ±15V
RL = 10k
TOTAL DOSE KRAD (Si)
1
0.8
0.6
0.4
0.2
0
10
100
1000
RH1014M G01
VS = ±15V
RL = 10k
Supply Current (Per Amplifier)
15V
–15V
10k
8V
RH1014M TDBC
+
–
10k



Html Pages

1 2 3 4 5 6 7 8


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com