Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

UPD78322 Datasheet(PDF) 1 Page - NEC

Part # UPD78322
Description  16/8-BIT SINGLE-CHIP MICROCONTROLLER
PDF  88 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NEC [NEC]
Direct Link  http://www.nec.com/
Logo NEC - NEC

UPD78322 Datasheet(HTML) 1 Page - NEC

  UPD78322 Datasheet HTML 1Page - NEC UPD78322 Datasheet HTML 2Page - NEC UPD78322 Datasheet HTML 3Page - NEC UPD78322 Datasheet HTML 4Page - NEC UPD78322 Datasheet HTML 5Page - NEC UPD78322 Datasheet HTML 6Page - NEC UPD78322 Datasheet HTML 7Page - NEC UPD78322 Datasheet HTML 8Page - NEC UPD78322 Datasheet HTML 9Page - NEC Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 88 page
background image
DESCRIPTION
The
µPD78322 is a 16-/8-bit single-chip microcontroller that incorporates a high-performance 16-bit CPU. The µPD78322
is one of 78K/III series.
A realtime pulse unit for realtime pulse control required in motor control, an A/D converter, a ROM, and a RAM have been
integrated into one chip.
The
µPD78322 incorporates 16K-byte mask ROM and 640-byte RAM.
The
µPD78320 is provided as a ROM-less product of the µPD78322. Also, the µPD78P322 is provided as an on-chip
PROM product.
Detailed information about product features and specifications can be found in the following document.
µPD78322 User’s Manual : IEU-1248
FEATURES
• Internal 16-bit architecture and external 8-bit data bus
• High-speed processing by pipeline control and instruction prefetch
• Minimum instruction execution time: 250 ns (with 16 MHz external clock in operation)
• Instruction set suitable for control operations (
µPD78312 upward compatible)
• Multiplication/division instruction (16 bits
× 16 bits, 32 bits ÷ 16 bits)
• Bit manipulation instruction
• String instruction, etc.
• On-chip high-function interrupt controller
• 3-level priority specifiable
• 3-type interrupt servicing mode selectable
(Vectored interrupt function, context switching function, and macro service function)
• Variety of peripheral hardware
• Realtime pulse unit
• 8-channel, 10-bit A/D converter
• Watchdog timer
• Powerful serial interface (with an on-chip dedicated baud rate generator)
• UART
····· 1 channel
• SBI (NEC Standard Serial Bus Interface)
• 3-wire serial I/O
APPLICATIONS
• Motor control devices
Unless there are any particular notices, the
µPD78322 is described as the representative model in this document.
Document No. U10455EJ7V0DS00 (7th edition)
(Previous No. IC-2354)
Date Published November 1995 P
Printed in Japan
©
1989
DATA SHEET
The information in this document is subject to change without notice.
····· 1 channel
16/8-BIT SINGLE-CHIP MICROCONTROLLER
The mark
shows major revised points.
MOS INTEGRATED CIRCUIT
µPD78320,78322


Similar Part No. - UPD78322

ManufacturerPart #DatasheetDescription
logo
Renesas Technology Corp
UPD78322 RENESAS-UPD78322 Datasheet
656Kb / 90P
MOS INTEGRATED CIRCUIT
1989
UPD78322GF-XXX-3B9 RENESAS-UPD78322GF-XXX-3B9 Datasheet
656Kb / 90P
MOS INTEGRATED CIRCUIT
1989
UPD78322GJ-XXX-5BJ RENESAS-UPD78322GJ-XXX-5BJ Datasheet
656Kb / 90P
MOS INTEGRATED CIRCUIT
1989
UPD78322L-XXX RENESAS-UPD78322L-XXX Datasheet
656Kb / 90P
MOS INTEGRATED CIRCUIT
1989
More results

Similar Description - UPD78322

ManufacturerPart #DatasheetDescription
logo
NEC
UPD70320 NEC-UPD70320 Datasheet
439Kb / 74P
V25TM 16/8-BIT SINGLE-CHIP MICROCONTROLLER
UPD78323 NEC-UPD78323 Datasheet
454Kb / 86P
16/8-BIT SINGLE-CHIP MICROCONTROLLER
UPD78361A NEC-UPD78361A Datasheet
782Kb / 88P
16/8-BIT SINGLE-CHIP MICROCONTROLLER
UPD784031 NEC-UPD784031 Datasheet
539Kb / 86P
16/8-BIT SINGLE-CHIP MICROCONTROLLER
UPD784035 NEC-UPD784035 Datasheet
401Kb / 90P
16/8-BIT SINGLE-CHIP MICROCONTROLLER
UPD78P322 NEC-UPD78P322 Datasheet
340Kb / 56P
16/8-BIT SINGLE-CHIP MICROCONTROLLER
UPD78P328 NEC-UPD78P328 Datasheet
1Mb / 48P
16/8-BIT SINGLE-CHIP MICROCONTROLLER
UPD78P4038 NEC-UPD78P4038 Datasheet
324Kb / 72P
16/8-BIT SINGLE-CHIP MICROCONTROLLER
UPD78P4038Y NEC-UPD78P4038Y Datasheet
435Kb / 72P
16/8-BIT SINGLE-CHIP MICROCONTROLLER
UPD784031 NEC-UPD784031 Datasheet
377Kb / 90P
16/8-BIT SINGLE-CHIP MICROCONTROLLER
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com