Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

M30623ECTGP Datasheet(PDF) 7 Page - Mitsubishi Electric Semiconductor

Part # M30623ECTGP
Description  SINGLE-CHIP 16-BIT CMOS MICROCOMPUTER
PDF  184 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MITSUBISHI [Mitsubishi Electric Semiconductor]
Direct Link  http://www.mitsubishichips.com
Logo MITSUBISHI - Mitsubishi Electric Semiconductor

M30623ECTGP Datasheet(HTML) 7 Page - Mitsubishi Electric Semiconductor

Back Button M30623ECTGP Datasheet HTML 3Page - Mitsubishi Electric Semiconductor M30623ECTGP Datasheet HTML 4Page - Mitsubishi Electric Semiconductor M30623ECTGP Datasheet HTML 5Page - Mitsubishi Electric Semiconductor M30623ECTGP Datasheet HTML 6Page - Mitsubishi Electric Semiconductor M30623ECTGP Datasheet HTML 7Page - Mitsubishi Electric Semiconductor M30623ECTGP Datasheet HTML 8Page - Mitsubishi Electric Semiconductor M30623ECTGP Datasheet HTML 9Page - Mitsubishi Electric Semiconductor M30623ECTGP Datasheet HTML 10Page - Mitsubishi Electric Semiconductor M30623ECTGP Datasheet HTML 11Page - Mitsubishi Electric Semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 7 / 184 page
background image
7
Mitsubishi microcomputers
M16C / 62T Group
SINGLE-CHIP 16-BIT CMOS MICROCOMPUTER
Description
Mitsubishi plans to release the following products in the M16C/62T group:
(1) Support for mask ROM version, one-time PROM version
One-time PROM version has the equally functions mask ROM version, with the exception of built-in
electolic-programming-possible PROM.
(2) ROM capacity
(3) Package(number of pin)
100P6S-A
: 100-pin plastic molded QFP
80P6S-A
: 80-pin plastic molded QFP
(4) Support for 85
°C guaranteed version, 125°C guaranteed version
125
°C guaranteed version M30622MxV/ECV-XXXFP, M30623MxV/ECV-XXXGP is suported. These are
different from 85
°C guaranteed version M30622MxT/ECT-XXXFP, M30623MxT/ECT-XXXGP on operating
ambient temperature and the terms of the use, and so please inquire.
100-pin packaege
64K bytes
128K bytes
Mask ROM version
One-time PROM version
ROM size
M30623M8T-XXXGP
M30623M8V-XXXGP
M30623MCT-XXXGP
M30623MCV-XXXGP
U Shipped in blank
M30622MCT-XXXFP
M30622MCV-XXXFP
M30622M8T-XXXFP
M30622M8V-XXXFP
M30622ECT-XXXFP
M30622ECTFP
M30622ECV-XXXFP
M30622ECVFP
80-pin packaege
U
U
M30623ECT-XXXGP
M30623ECTGP
M30623ECV-XXXGP
M30623ECVGP
32K bytes
M30623M4T-XXXGP
U
U
Mask ROM version
One-time PROM version
Note 1: It may change in the future.
Note 2: Use shipped in blank of one-time PROM version as the trial, development of program.
In case of vehicle-mount test or mass production, use shipped in programming.
Figure 1.1.5. ROM expansion
Now: Mar.1999.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com