Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

M30623ECTGP Datasheet(PDF) 71 Page - Mitsubishi Electric Semiconductor

Part # M30623ECTGP
Description  SINGLE-CHIP 16-BIT CMOS MICROCOMPUTER
PDF  184 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MITSUBISHI [Mitsubishi Electric Semiconductor]
Direct Link  http://www.mitsubishichips.com
Logo MITSUBISHI - Mitsubishi Electric Semiconductor

M30623ECTGP Datasheet(HTML) 71 Page - Mitsubishi Electric Semiconductor

Back Button M30623ECTGP Datasheet HTML 67Page - Mitsubishi Electric Semiconductor M30623ECTGP Datasheet HTML 68Page - Mitsubishi Electric Semiconductor M30623ECTGP Datasheet HTML 69Page - Mitsubishi Electric Semiconductor M30623ECTGP Datasheet HTML 70Page - Mitsubishi Electric Semiconductor M30623ECTGP Datasheet HTML 71Page - Mitsubishi Electric Semiconductor M30623ECTGP Datasheet HTML 72Page - Mitsubishi Electric Semiconductor M30623ECTGP Datasheet HTML 73Page - Mitsubishi Electric Semiconductor M30623ECTGP Datasheet HTML 74Page - Mitsubishi Electric Semiconductor M30623ECTGP Datasheet HTML 75Page - Mitsubishi Electric Semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 71 / 184 page
background image
71
Tentative Specifications REV.A
Mitsubishi microcomputers
M16C / 62T Group
SINGLE-CHIP 16-BIT CMOS MICROCOMPUTER
Specifications in this manual are tentative and subject to change.
Under
development
Watchdog Timer
Watchdog timer control register
Symbol
Address
When reset
WDC
000F16
00VXXXXX2
Function
Bit symbol
W
R
b7
b6
b5
b4
b3
b2
b1
b0
High-order bit of watchdog timer
WDC7
Bit name
Prescaler select bit
0 : Divided by 16
1 : Divided by 128
Watchdog timer start register
Symbol
Address
When reset
WDTS
000E16
Indeterminate
W
R
b7
b0
Function
The watchdog timer is initialized and starts counting after a write instruction to
this register. The watchdog timer value is always initialized to “7FFF16”
regardless of whatever value is written.
Reserved bit
Must always be set to “0”
0
0
WDV5
0 : Cold start
1 : Warm start
Note 1: When this flag is written ‘‘0’’ or ‘‘1’’, it is set ‘‘1’’ automatically .
V : This bit is not under the influence of a reset.
Cold start / warm start
discrimination flag (Note 1)
Figure 1.15.2. Watchdog timer control and start registers
Cold start / Warm start
The cold start/warm start discrimination flag(bit 5 at 000F16) indicates the last reset by power on(cold start)
or by reset signal(warm start).
The cold start/warm start discrimination flag is set ‘‘0’’ at power on, and is set ‘‘1’’ at writing any data to the
watchdog timer control register(address is 000F16). The flag is not set to ‘‘0’’ by the software reset and the
input of reset signal.
Figure 1.15.3. Cold sgtart / Warm start
Vcc
‘‘5V’’
‘‘0V’’
‘‘0V’’
‘‘5V’’
‘‘1’’
‘‘0’’
Cold start / Warm start
discrimination flag (WDC5)
RESET
0.2Vcc
Set to ‘‘1’’ by software



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com