Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

M30623ECTGP Datasheet(PDF) 25 Page - Mitsubishi Electric Semiconductor

Part # M30623ECTGP
Description  SINGLE-CHIP 16-BIT CMOS MICROCOMPUTER
PDF  184 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MITSUBISHI [Mitsubishi Electric Semiconductor]
Direct Link  http://www.mitsubishichips.com
Logo MITSUBISHI - Mitsubishi Electric Semiconductor

M30623ECTGP Datasheet(HTML) 25 Page - Mitsubishi Electric Semiconductor

Back Button M30623ECTGP Datasheet HTML 21Page - Mitsubishi Electric Semiconductor M30623ECTGP Datasheet HTML 22Page - Mitsubishi Electric Semiconductor M30623ECTGP Datasheet HTML 23Page - Mitsubishi Electric Semiconductor M30623ECTGP Datasheet HTML 24Page - Mitsubishi Electric Semiconductor M30623ECTGP Datasheet HTML 25Page - Mitsubishi Electric Semiconductor M30623ECTGP Datasheet HTML 26Page - Mitsubishi Electric Semiconductor M30623ECTGP Datasheet HTML 27Page - Mitsubishi Electric Semiconductor M30623ECTGP Datasheet HTML 28Page - Mitsubishi Electric Semiconductor M30623ECTGP Datasheet HTML 29Page - Mitsubishi Electric Semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 25 / 184 page
background image
25
Tentative Specifications REV.A
Mitsubishi microcomputers
M16C / 62T Group
SINGLE-CHIP 16-BIT CMOS MICROCOMPUTER
Specifications in this manual are tentative and subject to change.
Under
development
Memory Space Expansion Functions
(3) Expansion mode 2
In expansion mode 2, the data bank register (0000B16) goes effective. Figure 1.8.4 shows the data bank
register.
Figure 1.8.4. Data bank register
Data bank register
Symbol
Address
When reset
DBR
000B16
0016
Bit name
Description
Bit symbol
W
R
b7
b6
b5
b4
b3
b2
b1
b0
OFS
Offset bit
0: Not offset
1: Offset
BSR
Bank selection bits
0 0 0: Bank 0
0 0 1: Bank 1
0 1 0: Bank 2
0 1 1: Bank 3
1 0 0: Bank 4
1 0 1: Bank 5
1 1 0: Bank 6
1 1 1: Bank 7
Nothing is assigned.
In an attempt to write to these bits, write “0”. The value, if read, turns out to be “0”.
Nothing is assigned.
In an attempt to write to these bits, write “0”. The value, if read, turns out to be “0”.
b5 b4 b3
b5 b4 b3
Microprocessor
mode
SFR area
Internal RAM area
External area
Internal area reserved
0000016
0040016
XXXXX16
YYYYY16
FFFFF16
D000016
0800016
Memory
expansion mode
SFR are
a
Internal RAM area
External area
Internal ROM area
Internal area reserved
Internal area reserved
CS3(16K bytes)
CS2(128K bytes)
CS1 (96K bytes)
2800016
4000016
0400016
Expansion mode 2 (memory space = 4M bytes for PM15 = 1, PM14 = 1)
CS0
Addresses from 4000016 through BFFFF16
Bank 7 in fetching a program
A bank selected by use of the bank selection
bits in accessing data
Addresses from C000016 through FFFFF16
Bank 7 invariably
Bank number is output to CS3 to CS1
Memory expansion mode:
512K bytes x 7banks +
256K bytes
Microprocessor mode:
512K bytes x 8banks
Type No.
XXXXX16 YYYYY16
M30623M4T-XXXGP
M30622M8T/M8V-XXXFP
M30623M8T/M8V-XXXGP
M30622MCT/MCV-XXXFP
M30623MCT/MCV-XXXGP
00FFF16
F800016
013FF16
F000016
017FF16
E000016
Note 1. M30623(80-pin package) is not provided with the
output pin for the chip select signal.
Note 2. The M16C/62T group is not guaranteed to operate
in memory expansion and microprocessor modes.
Note 3. The memory maps in single-chip mode are omitted.
Figure 1.8.5. Memory location and chip select area in expansion mode 2



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com