Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

M30623ECTGP Datasheet(PDF) 8 Page - Mitsubishi Electric Semiconductor

Part # M30623ECTGP
Description  SINGLE-CHIP 16-BIT CMOS MICROCOMPUTER
PDF  184 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MITSUBISHI [Mitsubishi Electric Semiconductor]
Direct Link  http://www.mitsubishichips.com
Logo MITSUBISHI - Mitsubishi Electric Semiconductor

M30623ECTGP Datasheet(HTML) 8 Page - Mitsubishi Electric Semiconductor

Back Button M30623ECTGP Datasheet HTML 4Page - Mitsubishi Electric Semiconductor M30623ECTGP Datasheet HTML 5Page - Mitsubishi Electric Semiconductor M30623ECTGP Datasheet HTML 6Page - Mitsubishi Electric Semiconductor M30623ECTGP Datasheet HTML 7Page - Mitsubishi Electric Semiconductor M30623ECTGP Datasheet HTML 8Page - Mitsubishi Electric Semiconductor M30623ECTGP Datasheet HTML 9Page - Mitsubishi Electric Semiconductor M30623ECTGP Datasheet HTML 10Page - Mitsubishi Electric Semiconductor M30623ECTGP Datasheet HTML 11Page - Mitsubishi Electric Semiconductor M30623ECTGP Datasheet HTML 12Page - Mitsubishi Electric Semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 8 / 184 page
background image
Mitsubishi microcomputers
M16C / 62T Group
SINGLE-CHIP 16-BIT CMOS MICROCOMPUTER
8
Description
The M16C/62T group products currently supported are listed in Table 1.1.2.
Type No.
Package
Remarks
M30622MCT-XXXFP
M30622ECT-XXXFP
M30622ECTFP
128K bytes
Mask ROM version
One-time PROM version (programming)
One-time PROM version (blank)
100P6S-A
M30622MCV-XXXFP
M30622ECV-XXXFP
M30622ECVFP
M30623MCT-XXXGP
M30623ECT-XXXGP
M30623ECTGP
128K bytes
80P6S-A
Characteristic
5K bytes
5K bytes
M30623MCV-XXXGP
M30623ECV-XXXGP
M30623ECVGP
M30622M8T-XXXFP
M30622M8V-XXXFP
64K bytes
Mask ROM version
85 °C guaranteed version
4K bytes
M30623M4T-XXXGP
M30623M8T-XXXGP
M30623M8V-XXXGP
125 °C guaranteed version (Note 3)
64K bytes
4K bytes
32K bytes
3K bytes
ROM
capacity
RAM
capacity
85 °C guaranteed version
85 °C guaranteed version
85 °C guaranteed version
85 °C guaranteed version
125 °C guaranteed version (Note 3)
125 °C guaranteed version (Note 3)
125 °C guaranteed version (Note 3)
Mask ROM version
Mask ROM version
Mask ROM version
Mask ROM version
Mask ROM version
One-time PROM version (programming)
One-time PROM version (blank)
One-time PROM version (programming)
One-time PROM version (blank)
One-time PROM version (programming)
One-time PROM version (blank)
Table 1.1.2. M16C/62T group
Now: Mar.1999.
Type No. M30 62 2 M C T– XXX FP
Package type
FP : Package 100P6S-A
GP :
80P6S-A
ROM No.
Omitted for blank one-time PROM version
and EPROM version
ROM capacity
4 :
32K bytes
8 :
64K bytes
C : 128K bytes
Memory type
M : Mask ROM version
E : EPROM or one-time PROM version
Shows RAM capacity, pin count, etc
(The value itself has no specific meaning)
M16C Family
M16C/62 Group
Characteristic
T : 85 °C guaranteed version for automobile
V : 125 °C guaranteed version for automobile
Figure 1.1.6. Type No., memory size, and package
Note 1: It may change in the future.
Note 2: Use shipped in blank of one-time PROM version as the trial, development of program.
In case of vehicle-mount test or mass production, use shipped in programming.
Note 3: It is different from 85
°C guaranteed version on operating ambient temperature and the terms of the
use, pleas inquire.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com