Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

LS7260 Datasheet(PDF) 3 Page - LSI Computer Systems

Part # LS7260
Description  BRUSHLESS DC MOTOR COMMUTATOR/CONTROLLER
PDF  7 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  LSI [LSI Computer Systems]
Direct Link  http://www.lsicsi.com
Logo LSI - LSI Computer Systems

LS7260 Datasheet(HTML) 3 Page - LSI Computer Systems

  LS7260 Datasheet HTML 1Page - LSI Computer Systems LS7260 Datasheet HTML 2Page - LSI Computer Systems LS7260 Datasheet HTML 3Page - LSI Computer Systems LS7260 Datasheet HTML 4Page - LSI Computer Systems LS7260 Datasheet HTML 5Page - LSI Computer Systems LS7260 Datasheet HTML 6Page - LSI Computer Systems LS7260 Datasheet HTML 7Page - LSI Computer Systems  
Zoom Inzoom in Zoom Outzoom out
 3 / 7 page
background image
TABLE 1
OUTPUT CURRENT LIMITING RESISTOR SELECTION TABLE
POWER
OUTPUT CURRENT
SUPPLY
(VOLTS)
20
15
10
7.5
5
2.5
mA
6
**
**
**
**
**
.24
9
**
**
**
.43 .86
2.2
12
.20 .33 .62 .91 1.5
3.3
15
.36 .56 .91 1.3 2.2
4.3 Resistance
18
*
.75 1.2 1.6 2.7
5.1
(k
Ω)
21
*
*
1.5 2.0 3.3
6.2
24
*
*
1.8 2.3 3.6
7.5
28
*
*
*
2.7 4.3
9.1
*causes excessive power dissipation
**exceeds max current possible for this voltage
TABLE 2
For Power Supply 5V-28V
R1 (k ohms)
Output Voltage
10
Vss -0.5
4.0
Vss -1.0
1.5
Vss -2.0
TYPICAL CIRCUIT OPERATION:
The oscillator is used for motor speed control as explained
under VTRIP. Both upper and lower motor drive transistors are
pulse width modulated (See Fig. 1 or 2) during speed control.
For the LS7262, the outputs turn on in pairs (See Table 3). For
example (See dotted line, Fig. 2): Q8 and Q4 are on, thus ena-
bling a path from the positive supply through the emitter-base
junction of Q101, Q8, Q4, R5, the base emitter junction of
Q105 and the fractional-ohm resistor to ground. The current in
the above described path is determined by the power supply
voltage, the voltage drops across the base-emitter junctions of
Q101 and Q105 (1.4V for single transistor or 2.8V for Darling-
ton pairs), the impedance of Q8 and Q4 and the value of R5.
Table 1 provides the recommended value for R5. R4 and R6
are the same value.
7260-111397-3
Oscillator:
Frequency Range
Fosc
0
1/RC
100
kHz
External Resistor Range
Rosc
22
-
1000
k
NOTE: Theoretical switching point of the OVERCURRENT SENSE input is one half of the power supply determined by an internal bias
network in manufacturing. Tolerances cause the switching point to vary plus or minus .25V. After manufacture, the switching point
remains fixed within 10mV over time and temperature. The input switching sensivity is a maximum of 50mV. There is no hysteresis on
the OVERCURRENT SENSE input.
TABLE 3. OUTPUT COMMUTATION SEQUENCE FOR THREE PHASE OPERATION
SEQUENCE SELECT
CS1 CS2
CS1 CS2
CS1 CS2 CS1 CS2
FWD/REV=1
FWD/REV=0
0
0
0
1
1
0
1
1
ELECTRICAL SEPARATION
(-60°-)
(-120°-)
(-240°-)
(-300°-)
OUTPUTS
DRIVERS
OUTPUTS
DRIVERS
SENSE INPUTS
S1 S2 S3
S1 S2 S3
S1 S2 S3
S1 S2 S3
ENABLED A
B
C
ENABLED
A
B
C
0 0 0
0 0 1
0 1 0
0 1 1
O1, O5
+
-
Off
O2, O4
-
+
Off
1 0 0
1 0 1
1 1 0
1 1 1
O3, O5
Off
-
+
O2, O6
Off
+
-
1 1 0
1 0 0
1 0 0
1 1 0
O3, O4
-
Off
+
O1, O6
+
Off
-
1 1 1
1 1 0
1 0 1
1 0 0
O2, O4
-
+
Off
O1, O5
+
-
Off
0 1 1
0 1 0
0 0 1
0 0 0
O2, O6
Off
+
-
O3, O5
Off
-
+
0 0 1
0 1 1
0 1 1
0 0 1
O1, O6
+
Off
-
O3, O4
-
Off
+
0 1 0
0 0 0
0 0 0
0 1 0
ALL DISABLED
ALL DISABLED
1 0 1
1 1 1
1 1 1
1 0 1
ALL DISABLED
ALL DISABLED
The OVERCURRENT input (BRAKE low) enables external output drivers in normal sequence when more negative than Vss/2 and disables
all external output drivers when more positive than Vss/2. The OVERCURRENT is sensed continuously, and sets a flip flop which is reset
by the rising edge of the ENABLE input or the sawtooth OSCILLATOR. (See description under OVERCURRENT SENSE.)
The VTRIP Input (BRAKE low) enables the outputs in normal sequence when more negative than the OSC input and disables all outputs
when more positive than the OSC input. The VTRIP input may be disabled by connecting it to VDD and the OSC input to VSS.
(See description under VTRIP)
For the LS7260, (See Fig. 1) the external drivers also
turn on in pairs. Internal operation is somewhat different
than the LS7262. For example, external transistors Q101
and Q105 will turn on when internal transistor Q8 turns
off and Q4 turns on enabling full power supply drive on
Q101 and Q105. Since Pin 5 is tied to VSS, the gate of P-
channel Driver Q101 is brought to ground by R1 and the
Gate of N-Channel driver Q105 is brought to VSS by Q4.
Other external output pairs turn on similarly and the com-
mutation sequence is identical to that of the LS7262 (Ta-
ble 3). Table 2 indicates the minimum value of R1
(=R2=R3=R4=R5=R6) needed as a function of output
drive voltage for Fig. 1.
*
*
*
*
*
See Figures 1 and 2.
For the LS7260,
Outputs O1,O2,O3 are
the logical inversions of
the corresponding Out-
puts of the LS7262.



Html Pages

1 2 3 4 5 6 7


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com