Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

LS7260 Datasheet(PDF) 5 Page - LSI Computer Systems

Part # LS7260
Description  BRUSHLESS DC MOTOR COMMUTATOR/CONTROLLER
PDF  7 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  LSI [LSI Computer Systems]
Direct Link  http://www.lsicsi.com
Logo LSI - LSI Computer Systems

LS7260 Datasheet(HTML) 5 Page - LSI Computer Systems

  LS7260 Datasheet HTML 1Page - LSI Computer Systems LS7260 Datasheet HTML 2Page - LSI Computer Systems LS7260 Datasheet HTML 3Page - LSI Computer Systems LS7260 Datasheet HTML 4Page - LSI Computer Systems LS7260 Datasheet HTML 5Page - LSI Computer Systems LS7260 Datasheet HTML 6Page - LSI Computer Systems LS7260 Datasheet HTML 7Page - LSI Computer Systems  
Zoom Inzoom in Zoom Outzoom out
 5 / 7 page
background image
TABLE 4. OUTPUT COMMUTATION SEQUENCE FOR FOUR PHASE OPERATION
CS1=CS2=0 OUTPUTS ENABLED
S1
S2,S3
FWD/REV = 1
FWD/REV = 0
0
0
O1
O4
1
0
O3
O6
1
1
O4
O1
0
1
O6
O3
7260-110697-5
BRAKE
MOTOR
SUPPLY
Vss
O6
8
5
COMMON
BRAKE
INPUT
7
O4
6
9
O5
LS7262
FORWARD
REVERSE
IN914
2.2K
Inputs from SG1731
or UC1637
F/R
ENABLE
19
10
IN914
LS7260
or
LS7262
FIGURE 3. PRECISION CONTROL BRUSHLESS DC MOTOR DRIVE
FIGURE 2A.
SINGLE-ENDED
DRIVER CIRCUIT
This configuration requires only
one base current limiting resistor
connected from the COMMON
pin to Vss.
For controlled acceleration and deceleration of motors in
the forward or reverse directions, a motor control pulse
width modulator circuit such as the SG1731 or UC1637
can be interfaced with the LS7260 or LS7262.
The logical OR gate made up of the resistor-diode net-
work permits the LS7260 or LS7262 to be enabled when
either the forward or reverse input is high. By applying
the forward input directly to Pin 19, the motor can only
operate in the forward direction when the forward input is
high and only in the reverse direction when the reverse
input is high. Motor direction is determined by relative
pulse widths of the forward and reverse inputs while ac-
celeration or deceleration is determined by variations of
these widths.
For four phase commutation (See Fig. 4), the COMMUTA-
TION SELECT inputs must both be tied low. The S1 input
is driven from one motor position sensor while the S2 and
S3 inputs are connected together and driven by the
second position sensor. The COMMON input must be
connected to Vss. The sensors have an electrical separa-
tion of 90°. Figure 4A indicates the use of Bipolar Tran-
sistors. Figure 4B indicates the use of FETs. In both
cases, the LS7262 is used.



Html Pages

1 2 3 4 5 6 7


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com