Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

LS7260 Datasheet(PDF) 6 Page - LSI Computer Systems

Part # LS7260
Description  BRUSHLESS DC MOTOR COMMUTATOR/CONTROLLER
PDF  7 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  LSI [LSI Computer Systems]
Direct Link  http://www.lsicsi.com
Logo LSI - LSI Computer Systems

LS7260 Datasheet(HTML) 6 Page - LSI Computer Systems

  LS7260 Datasheet HTML 1Page - LSI Computer Systems LS7260 Datasheet HTML 2Page - LSI Computer Systems LS7260 Datasheet HTML 3Page - LSI Computer Systems LS7260 Datasheet HTML 4Page - LSI Computer Systems LS7260 Datasheet HTML 5Page - LSI Computer Systems LS7260 Datasheet HTML 6Page - LSI Computer Systems LS7260 Datasheet HTML 7Page - LSI Computer Systems  
Zoom Inzoom in Zoom Outzoom out
 6 / 7 page
background image
COMMON
BRAKE INPUT
LS7262
MOTOR SUPPLY
BRAKE
Vss
OVERCURRENT
SENSE
L4
L3
L2
L1
Vss
FIGURE 4A
5
9
2
4
6
8
12
O1
O3
O4
O6
BRAKE
COMMON
LS7262
OVERCURRENT
SENSE
Vss
Vss
12
5
9
2
4
6
8
L4
L3
L2
L1
BRAKE
MOTOR SUPPLY
O1
O3
O4
O6
FIGURE 4B
Vss
-
+
13
V TRIP
OSCILLATOR
R6
R2
C1
S1
R1
15
Vss
C3
Vss
R3
R4
R5
D1
C2
Vss
R8
LS7260
or
LS7262
FROM MOTOR
POSITION
SENSOR
14
C4
R7
FIGURE 5
CLOSED-LOOP SPEED CONTROLLER
A closed loop system can be configured by differentiating
one of the motor position sense inputs and integrating only
the negative pulses to form a DC voltage that is applied to
the inverting input of an op-amp. The non-inverting input
voltage is adjusted with a potentiometer until the resultant
voltage at VTRIP causes the motor to run at desired speed.
The R2-C1 differentiator, the R3-D1 negative pulse trans-
mitter and the R4-C2 integrator form a frequency to voltage
converter. An increase in motor speed above the desired
speed causes VTRIP to increase which lowers the PWM
and the resultant motor speed. A decrease in speed lowers
VTRIP and raises the PWM and the resultant motor speed.
For proper operation, both R5 and R6 should be greater
than R4, and R4 in turn should be greater than both R2 and
R3. Also, the R4-C2 time constant should be greater than
the R2-C1 time constant. C3 may be added across R6 for
additional VTRIP smoothing.
FIGURE 4. FOUR PHASE OUTPUT DRIVER CIRCUITRY
The information included herein is believed to be
accurate and reliable. However, LSI Computer Systems,
Inc. assumes no responsibilities for inaccuracies, nor for
any infringements of patent rights of others which may
result from its use.
7260-082697-6



Html Pages

1 2 3 4 5 6 7


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com