Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

LS7260 Datasheet(PDF) 1 Page - LSI Computer Systems

Part # LS7260
Description  BRUSHLESS DC MOTOR COMMUTATOR/CONTROLLER
PDF  7 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  LSI [LSI Computer Systems]
Direct Link  http://www.lsicsi.com
Logo LSI - LSI Computer Systems

LS7260 Datasheet(HTML) 1 Page - LSI Computer Systems

  LS7260 Datasheet HTML 1Page - LSI Computer Systems LS7260 Datasheet HTML 2Page - LSI Computer Systems LS7260 Datasheet HTML 3Page - LSI Computer Systems LS7260 Datasheet HTML 4Page - LSI Computer Systems LS7260 Datasheet HTML 5Page - LSI Computer Systems LS7260 Datasheet HTML 6Page - LSI Computer Systems LS7260 Datasheet HTML 7Page - LSI Computer Systems  
Zoom Inzoom in Zoom Outzoom out
 1 / 7 page
background image
BRUSHLESS DC MOTOR COMMUTATOR/CONTROLLER
FEATURES:
Direct drive of P-Channel and N-Channel FETs (LS7260)
Direct drive of PNP and NPN transistors (LS7262)
Six outputs drive power switching bridge directly
Open or closed loop motor speed control.
+5V to +28V operation (Vss - VDD).
Externally selectable input to output code for 60°,
120°, 240°, or 300° electrical sensor spacing.
Three or four phase operation
Analog Speed control
Direction control
Output Enable control
Positive Static Braking
Overcurrent Sensing
LS7260, LS7262 (DIP); LS7260-S, LS7262-S (SOIC)
LS7260-TS, LS7262-TS (TSSOP) - See Connection Diag.
DESCRIPTION:
The LS7260/LS7262 are monolithic, MOS integrated cir-
cuits designed to generate the signals necessary to con-
trol a three phase or four phase brushless DC motor.
They are the basic building blocks of a brushless DC
motor controller. The circuits respond to changes at the
SENSE inputs, originating at the motor position sensors,
to provide electronic commutation of the motor wind-
ings. Pulse Width Modulation of outputs for motor speed
control is accomplished through either the ENABLE in-
put or through the Analog input (VTRIP) in conjunction
with the OSCILLATOR input.
Overcurrent circuitry is
provided to protect the windings, associated drivers and
power supply. The overcurrent circuitry causes the ex-
ternal output drivers to switch off immediately upon
sensing the overcurrent condition and on again only
when the overcurrent condition disappears and the pos-
itive edge of either the ENABLE input or the sawtooth
OSCILLATOR occurs. This limits the overcurrent sense
cycling to the chopping rate of the ENABLE input or the
sawtooth OSCILLATOR.
A positive braking feature is provided to effect rapid de-
celeration. While the LS7262 is designed for driving
NPN and PNP transistors (See Fig. 2), the LS7260 is
designed to drive both NMOS and PMOS Power FETs
and develops a full 12V drive for both the N-Channel
and P-Channel devices (See Fig. 1) when using a 12V
power supply.
CS1
OUT 1
OUT 2
OUT 3
OUT 4
COMMON
OUT 5
OUT 6
BRAKE
ENABLE
CS2
FWD/REV
V DD (-V)
S3
S2
S1
OSCILLATOR
V TRIP
OVERCURRENT SENSE
V SS (+V)
CONNECTION DIAGRAM - TOP VIEW
1
2
3
4
5
6
7
8
9
10
20
11
12
13
14
15
16
17
18
19
INPUT/OUTPUT DESCRIPTION:
COMMUTATION SELECTS (Pins 1, 20)
These inputs are used to select the proper sequence of outputs
based on the electrical separation of the motor position sensors.
See Table 3. Note that in all cases the external output drivers
are disabled for invalid SENSE input codes. Internal pull down
resistors are provided at Pins 1 and 20 causing a logic zero
when these pins are left open.
FORWARD/REVERSE (Pin 19)
This input is used to select the proper sequence of Outputs for
the desired direction of rotation for the Motor (See Table 3). An
internal pull-up resistor holds the input high when left open.
SENSE INPUTS (Pins 15, 16, 17)
These inputs provide control of the output commutation
sequence as shown in Table 3. S1, S2, S3 originate in the posi-
tion sensors of the motor and must sequence in cycle code or-
der. Hall Switch pull-up resistors are provided at Pins 15, 16 and
17. The positive supply of the Hall devices should be common
to the chip Vss.
BRAKE (Pin 9)
For the LS7262, a high level at this input unconditionally turns
OFF Outputs 1, 2 and 3 and turns ON Outputs 4, 5 and 6 (See
Fig. 2). For the LS7260, a high level at this input turns ON Out-
puts 1, 2 and 3 and Outputs 4, 5 and 6 (See Fig. 1). In both
cases, transistors Q101, Q102 and Q103 cut off and transistors
Q104, Q105 and Q106 turn on, shorting the windings together,
The BRAKE has priority over all other inputs.
November 1997
7260-041100-1
LSI/CSI
LSI Computer Systems, Inc. 1235 Walt Whitman Road, Melville, NY 11747
(631) 271-0400 FAX (631) 271-0405
LS7260
LS7262
UL
®
A3800


Similar Part No. - LS7260

ManufacturerPart #DatasheetDescription
logo
LSI Computer Systems
LS7260 LSI-LS7260_15 Datasheet
212Kb / 7P
BRUSHLESS DC MOTOR COMMUTATOR / CONTROLLER
More results

Similar Description - LS7260

ManufacturerPart #DatasheetDescription
logo
ON Semiconductor
MC33033 ONSEMI-MC33033 Datasheet
530Kb / 24P
BRUSHLESS DC MOTOR CONTROLLER
1996 REV 3
logo
LSI Computer Systems
LS7362 LSI-LS7362 Datasheet
92Kb / 6P
BRUSHLESS DC MOTOR COMMUTATOR/CONTROLLER
LS7560 LSI-LS7560 Datasheet
97Kb / 8P
BRUSHLESS DC MOTOR CONTROLLER
logo
National Semiconductor ...
LM621 NSC-LM621 Datasheet
224Kb / 12P
LM621 Brushless Motor Commutator
logo
Integral Corp.
IL33035 INTEGRAL-IL33035 Datasheet
124Kb / 3P
BRUSHLESS DC MOTOR CONTROLLER
logo
ON Semiconductor
MC33033 ONSEMI-MC33033_07 Datasheet
413Kb / 27P
Brushless DC Motor Controller
January, 2007 ??Rev. 9
logo
Sensitron
UC1625L SENSITRON-UC1625L Datasheet
62Kb / 4P
BRUSHLESS DC MOTOR CONTROLLER
logo
Texas Instruments
UCC2626DW TI1-UCC2626DW Datasheet
685Kb / 23P
BRUSHLESS DC MOTOR CONTROLLER
logo
LSI Computer Systems
LS7260 LSI-LS7260_15 Datasheet
212Kb / 7P
BRUSHLESS DC MOTOR COMMUTATOR / CONTROLLER
LS7362 LSI-LS7362_15 Datasheet
198Kb / 6P
BRUSHLESS DC MOTOR COMMUTATOR / CONTROLLER
More results


Html Pages

1 2 3 4 5 6 7


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com