Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

DS54-0002-RTR Datasheet(PDF) 1 Page - Tyco Electronics

Part # DS54-0002-RTR
Description  Low Cost Four-Way SMT Power Splitter/ Combiner 1700-2000 MHz
PDF  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MACOM [Tyco Electronics]
Direct Link  http://www.macom.com
Logo MACOM - Tyco Electronics

DS54-0002-RTR Datasheet(HTML) 1 Page - Tyco Electronics

  DS54-0002-RTR Datasheet HTML 1Page - Tyco Electronics DS54-0002-RTR Datasheet HTML 2Page - Tyco Electronics  
Zoom Inzoom in Zoom Outzoom out
 1 / 2 page
background image
S 1563C VER 3
M/A-COM
n North America: Tel. (800) 366-2266, Fax (800) 618-8883 n Asia/Pacific: Tel.+85 2 2111 8088, Fax +85 2 2111 8087 n
Europe: Tel. +44 (1344) 869 595, Fax+44 (1344) 300 020
www.macom.com
Specifications subject to change without notice.
Features
• Small Size and Low Profile
• Industry Standard SOW-16 SMT Plastic Package
• Excellent Repeatability (Lot-to-Lot Variation)
• Typical Isolation: 17 dB
• Typical Amplitude Balance: 0.7dB
• Low Cost
• Typical Insertion Loss: 1.5dB
Description
M/A-COM’s DS54-0002 is an IC-based monolithic power splitter/
combiner in a low cost SOW-16 plastic package. This device is
ideally suited for applications where PCB real estate is at a premium
and standard packaging for automated assembly and low cost are
critical. Typical applications include infrastructure, portables and
peripheral devices (PCMCIA cards) for wireless standards such as
GSM, AMPS, CDPD, RAM and ARDIS.
Available in tape and
reel.
The DS54-0002 is fabricated using a passive-integrated circuit
process.
The process features full-chip passivation for increased
performance and reliability.
Typical Electrical Specifications
1, T
A = +25°C
Parameter
Units
Typ
Min
Max
Insertion Loss
Above 6.0dB
dB
1.2
—
1.5
Isolation 1700-1800MHz
1801-2000MHz
dB
dB
—
—
18
17
—
—
VSWR
Input
—
—
—
1.7:1
VSWR Output
1700-2000MHz
—
—
—
1.5:1
Amplitude Balance
dB
—
—
0.7
Phase Balance
°
—
—
7
1. All specifications apply with a 50-Ohm source and load impedance.
Low Cost Four-Way SMT Power Split-
ter/Combiner 1700-2000 MHz
DS54-0002
Ordering Information
Part Number
Package
DS54-0002
SOW-16 Lead Plastic Package
DS54-0002-TR
Forward Tape and Reel
1
DS54-0002-RTR
Reverse Tape and Reel
1
1. If specific reel size is required, consult factory for part number
assignment.
SOW16


Similar Part No. - DS54-0002-RTR

ManufacturerPart #DatasheetDescription
logo
M/A-COM Technology Solu...
DS54-0002-TR MA-COM-DS54-0002-TR Datasheet
102Kb / 3P
Low Cost Four-Way SMT Power Splitter/Combiner, 1700 - 2000 MHz
More results

Similar Description - DS54-0002-RTR

ManufacturerPart #DatasheetDescription
logo
Tyco Electronics
DS54-0006 MACOM-DS54-0006 Datasheet
37Kb / 2P
Four Way SMT Power Splitter/Combiner 1700 - 2000 MHz
DS56-0002 MACOM-DS56-0002 Datasheet
115Kb / 2P
Low Cost Six-Way Power Splitter/Combiner 1700 - 2000 MHz
DS54-0003 MACOM-DS54-0003 Datasheet
111Kb / 1P
Low Cost Four-way SMT Power Splitter/Combiner, 1200 - 1660 MHz
logo
M/A-COM Technology Solu...
DS54-0002 MA-COM-DS54-0002 Datasheet
102Kb / 3P
Low Cost Four-Way SMT Power Splitter/Combiner, 1700 - 2000 MHz
DS54-0006 MA-COM-DS54-0006 Datasheet
77Kb / 4P
Four Way SMT Power Splitter/Combiner 1700 - 2000 MHz
DS56-0002 MA-COM-DS56-0002 Datasheet
86Kb / 4P
Low Cost Six-Way Power Splitter/Combiner 1700 - 2000 MHz
MAPDCC0008 MA-COM-MAPDCC0008 Datasheet
102Kb / 3P
Low Cost Four-Way SMT Power Splitter/Combiner, 1700 - 2000 MHz
MAPDCC0014 MA-COM-MAPDCC0014 Datasheet
74Kb / 4P
Four Way SMT Power Splitter/Combiner 1700 - 2000 MHz
MAPDCC0018 MA-COM-MAPDCC0018 Datasheet
85Kb / 4P
Low Cost Six-Way Power Splitter/Combiner 1700 - 2000 MHz
MAPDCC0018 MA-COM-MAPDCC0018_15 Datasheet
538Kb / 5P
Low Cost Six-Way Power Splitter/Combiner 1700 ??2000 MHz
More results


Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com