Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

RF2051 Datasheet(PDF) 13 Page - RF Micro Devices

Part # RF2051
Description  HIGH PERFORMANCE WIDEBAND RF PLL/VCO WITH INTEGRATED RF MIXERS
PDF  39 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RFMD [RF Micro Devices]
Direct Link  http://www.rfmd.com
Logo RFMD - RF Micro Devices

RF2051 Datasheet(HTML) 13 Page - RF Micro Devices

Back Button RF2051 Datasheet HTML 9Page - RF Micro Devices RF2051 Datasheet HTML 10Page - RF Micro Devices RF2051 Datasheet HTML 11Page - RF Micro Devices RF2051 Datasheet HTML 12Page - RF Micro Devices RF2051 Datasheet HTML 13Page - RF Micro Devices RF2051 Datasheet HTML 14Page - RF Micro Devices RF2051 Datasheet HTML 15Page - RF Micro Devices RF2051 Datasheet HTML 16Page - RF Micro Devices RF2051 Datasheet HTML 17Page - RF Micro Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 13 / 39 page
background image
13 of 39
RF2051
DS140110
7628 Thorndike Road, Greensboro, NC 27409-9421 · For sales or technical
support, contact RFMD at (+1) 336-678-5570 or sales-support@rfmd.com.
Phase Detector and Charge Pump
The chip provides a current output to drive an external loop filter. An on-chip operational amplifier can be used to design an
active loop filter or a passive design can be implemented. The maximum charge pump output current is set by the value con-
tained in the P1_CP_DEF/P2_CP_DEF field and CP_LO_I.
In the default state (P1_CP_DEF/P2_CP_DEF=31 and CP_LO_I=0) the charge pump current (ICPset) is 120uA. If CP_LO_I is
set to 1 this current is reduced to 30uA.
The charge pump current can be altered by changing the value of P1_CP_DEF/P2_CP_DEF. The charge pump current is
defined as:
ICP= ICPset*CP_DEF / 31
If automatic loop bandwidth correction is enabled the charge pump current is set by the calibration algorithm based upon the
VCO gain. For more information on the VCO gain calibration, which is disabled by default, please refer to the RF205x Calibra-
tion User Guide.
The phase detector will operate with a maximum input frequency of 52MHz.
Note that for high phase detector frequencies, the divider ratio decreases. For N<28 the FLL_FACT register needs to be
changed to 00 from the default value of 01. This is to ensure correct VCO band selection.
Loop Filter
The PLL may be designed to use an active or a passive loop filter as required. The internal configuration of the chip is shown
below. If the CFG1:LF_ACT bit is asserted high, the op-amp will be enabled. If the CFG1:LF_ACT bit is asserted low, the internal
op-amp is disabled and a high impedance is presented to the LFILT1 pin. The RF205x Programming Tool software can assist
with loop filter designs. Because the op-amp is used in an inverting configuration in active mode, when the passive loop filter
mode is selected the phase-detector polarity should be inverted. For active mode, CFG1:PDP=1, for passive mode,
CFG1:PDP=0.
The charge pump output voltage compliance range is typically +0.7V to +1.5V. For applications using a passive loop filter VCO
coarse tuning must be performed regularly enough to ensure that the VCO tuning voltage falls within this compliance range at
all temperatures. The active loop filter maintains the charge pump output voltage in the center of the compliance range, and
the op-amp provides a wider VCO tuning voltage range, typical 0V to +2.4V.
+
-
LFILT1
LFILT2
LFILT3
To VCO Tuning
LF_ACT=TRUE
+1.1V



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com