Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

RF2051 Datasheet(PDF) 27 Page - RF Micro Devices

Part # RF2051
Description  HIGH PERFORMANCE WIDEBAND RF PLL/VCO WITH INTEGRATED RF MIXERS
PDF  39 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RFMD [RF Micro Devices]
Direct Link  http://www.rfmd.com
Logo RFMD - RF Micro Devices

RF2051 Datasheet(HTML) 27 Page - RF Micro Devices

Back Button RF2051 Datasheet HTML 23Page - RF Micro Devices RF2051 Datasheet HTML 24Page - RF Micro Devices RF2051 Datasheet HTML 25Page - RF Micro Devices RF2051 Datasheet HTML 26Page - RF Micro Devices RF2051 Datasheet HTML 27Page - RF Micro Devices RF2051 Datasheet HTML 28Page - RF Micro Devices RF2051 Datasheet HTML 29Page - RF Micro Devices RF2051 Datasheet HTML 30Page - RF Micro Devices RF2051 Datasheet HTML 31Page - RF Micro Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 27 / 39 page
background image
27 of 39
RF2051
DS140110
7628 Thorndike Road, Greensboro, NC 27409-9421 · For sales or technical
support, contact RFMD at (+1) 336-678-5570 or sales-support@rfmd.com.
PLL1x0 (08h) - VCO, LO Divider and Calibration Select
PLL1x1 (09h) - MSB of Fractional Divider Ratio
#
Bit Name
Default
Function
15
P1_VCOSEL
0
7
Path 1 VCO band select: 00=VCO1, 01=VCO2, 10=VCO3, 11=Reserved
14
1
13
P1_CT_EN
1
Path 1 VCO coarse tune: 00=disabled, 11=enabled
12
1
11
P1_KV_EN
0
1
Path 1 VCO tuning gain calibration: 00=disabled, 11=enabled
10
0
9
P1_LODIV
0
Path 1 local oscillator divider: 00=divide by 1, 01=divide by 2, 10=divide by 4, 11=reserved
81
70
1
60
5
P1_CP_DEF
0
Charge pump current setting
If P1_KV_EN=11 this value sets charge pump current during KV compensation only
41
31
F
21
11
01
#
Bit Name
Default
Function
15
P1_NUM_MSB
0
6
Path 1 VCO divider numerator value, most significant 16 bits
14
1
13
1
12
0
11
0
2
10
0
91
80
70
7
61
51
41
30
6
21
11
00



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com