Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

RF2051 Datasheet(PDF) 16 Page - RF Micro Devices

Part # RF2051
Description  HIGH PERFORMANCE WIDEBAND RF PLL/VCO WITH INTEGRATED RF MIXERS
PDF  39 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RFMD [RF Micro Devices]
Direct Link  http://www.rfmd.com
Logo RFMD - RF Micro Devices

RF2051 Datasheet(HTML) 16 Page - RF Micro Devices

Back Button RF2051 Datasheet HTML 12Page - RF Micro Devices RF2051 Datasheet HTML 13Page - RF Micro Devices RF2051 Datasheet HTML 14Page - RF Micro Devices RF2051 Datasheet HTML 15Page - RF Micro Devices RF2051 Datasheet HTML 16Page - RF Micro Devices RF2051 Datasheet HTML 17Page - RF Micro Devices RF2051 Datasheet HTML 18Page - RF Micro Devices RF2051 Datasheet HTML 19Page - RF Micro Devices RF2051 Datasheet HTML 20Page - RF Micro Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 16 / 39 page
background image
16 of 39
RF2051
DS140110
7628 Thorndike Road, Greensboro, NC 27409-9421 · For sales or technical
support, contact RFMD at (+1) 336-678-5570 or sales-support@rfmd.com.
General Programming Information
Serial Interface
All on-chip registers in the RF2051 are programmed using a 3-wire serial bus which supports both write and read operations.
Synthesizer programming, device configuration and control are achieved through a mixture of hardware and software controls.
Certain functions and operations require the use of hardware controls via the ENBL, MODE, and RESETB pins in addition to
programming via the serial bus.
Serial Data Timing Characteristics
Parameter
Description
Time
t1
Reset delay
>5ns
t2
Programming setup time
>5ns
t3
Programming hold time
>5ns
t4
ENX setup time
>5ns
t5
ENX hold time
>5ns
t6
Data setup time
>5ns
t7
Data hold time
>5ns
t8
ENBL setup time
>0ns
t9
ENBL hold time
>0ns
MCU
ENX
SCLK
SDATA
ENBL
RESETB
MODE
3-wire bus
Hardware
Controls
RF2051
RESETB
ENX
SCLK
SDATA
ENBL
X
Reset
chip
Initial programming of device
Programming
updates
X
X
X
X
X
X
X
t1
t2
t3
t4
t5
t8
t6
t7
t9



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com