Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

RF2051 Datasheet(PDF) 36 Page - RF Micro Devices

Part # RF2051
Description  HIGH PERFORMANCE WIDEBAND RF PLL/VCO WITH INTEGRATED RF MIXERS
PDF  39 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RFMD [RF Micro Devices]
Direct Link  http://www.rfmd.com
Logo RFMD - RF Micro Devices

RF2051 Datasheet(HTML) 36 Page - RF Micro Devices

Back Button RF2051 Datasheet HTML 31Page - RF Micro Devices RF2051 Datasheet HTML 32Page - RF Micro Devices RF2051 Datasheet HTML 33Page - RF Micro Devices RF2051 Datasheet HTML 34Page - RF Micro Devices RF2051 Datasheet HTML 35Page - RF Micro Devices RF2051 Datasheet HTML 36Page - RF Micro Devices RF2051 Datasheet HTML 37Page - RF Micro Devices RF2051 Datasheet HTML 38Page - RF Micro Devices RF2051 Datasheet HTML 39Page - RF Micro Devices  
Zoom Inzoom in Zoom Outzoom out
 36 / 39 page
background image
36 of 39
RF2051
DS140110
7628 Thorndike Road, Greensboro, NC 27409-9421 · For sales or technical
support, contact RFMD at (+1) 336-678-5570 or sales-support@rfmd.com.
Evaluation Board
The following diagrams show the schematic and PCB layout of the RF2051 evaluation board.The standard evaluation board
has been configured for wideband operation. Application notes have been produced showing how the device is matched and
on balun implementations for narrowband applications. The evaluation board is provided as part of a design kit (DK2051),
along with the necessary cables and programming software tool to enable full evaluation of the RF2051.
Evaluation Board Schematic
R3
12k
C9
470pF
C8
22pF
R20
0R
R19
DNI
R2
820R
C10
330pF
R6
820R
C17
330pF
LoopFilter
1
3
2
6
5
4
7
8
25
27 26
30 29 28
31
32
24
22
23
19
20
21
18
17
9
11
10
14
13
12
15 16
R1
51k
77
strip
77
strip
C5
33pF
C34
10nF
VDDA
C35
33pF
ENBL
R5
DNI
CP_OP
LFILT2
R4
DNI
VTUNE
C36
33pF
MODE
C16
DNI
GND
GND
3
2
26MHz XTAL
4
C22
DNI
C7
DNI
J6
REF
T4
C29
100pF
TC-1-13M
C30
100pF
C33
DNI
R17
0R
50
strip
J4
RFIP1
C3
33pF
C19
10nF
VDDD
C2
33pF
C18
10nF
VDDA
L2
DNI
R11
DNI
T3
VDDA
C28
100pF
C26
100pF
C27
100pF
C32
DNI
R16
0R
50
strip
J3
RFOP1
TC1-1-13M
C23
100pF
T2
C24
100pF
C31
DNI
R15
0R
50
strip
J2
RFIP2
L1
DNI
R8
DNI
T1
TC4-19+
VDDA
C20
100pF
C21
100pF
C25
DNI
R14
0R
50
strip
J1
RFOP2
C6
100pF
C1
33pF
C13
33pF
C14
33pF
C15
33pF
SDATA
SCLK
ENX
RESETB
R21
100k
CB2
CB4
CTS#
12
11
10
9
8
7
6
5
4
3
2
1
DSR#
UIO
13
14
15
16
17
18
19
20
21
22
23
24
CB0
CB1
VCC
RST#
VDD
CB3
PU1
PU2
VCC
USB
SLD
Socket for USB
Interface
13
14
15
16
17
18
19
20
21
22
23
24
HDR_2X12
12
11
10
9
8
7
6
5
4
3
2
1
VDD
VDD
SCLK
ENX
RESETB
VDDA
ENBL
SDATA
VTUNE
CP_OP
VDDD
MODE
C12
10 uF
C11
10 uF
LFILT1
LFILT2
LFILT3
LFILT1
LFILT3
Component
Designator
60kHz ActiveLoopFilter
(AsFittedonEvaluationBoard)
60kHz PassiveLoopFilter
(AlternativeConfiguration)
R3
12k
12k
C9
470pF
560pF
C8
22pF
39pF
R19
DNI
3.9k
R20
0
DNI
R2
820
0
C10
330pF
0
R6
820
DNI
C17
330pF
120pF
LoopFilter Component Values



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com