Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

RF2053 Datasheet(PDF) 13 Page - RF Micro Devices

Part # RF2053
Description  HIGH PERFORMANCE FRACTIONAL-N SYNTHESIZER WITH INTEGRATED RF MIXER
PDF  36 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RFMD [RF Micro Devices]
Direct Link  http://www.rfmd.com
Logo RFMD - RF Micro Devices

RF2053 Datasheet(HTML) 13 Page - RF Micro Devices

Back Button RF2053 Datasheet HTML 9Page - RF Micro Devices RF2053 Datasheet HTML 10Page - RF Micro Devices RF2053 Datasheet HTML 11Page - RF Micro Devices RF2053 Datasheet HTML 12Page - RF Micro Devices RF2053 Datasheet HTML 13Page - RF Micro Devices RF2053 Datasheet HTML 14Page - RF Micro Devices RF2053 Datasheet HTML 15Page - RF Micro Devices RF2053 Datasheet HTML 16Page - RF Micro Devices RF2053 Datasheet HTML 17Page - RF Micro Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 13 / 36 page
background image
13 of 36
RF2053
DS140110
7628 Thorndike Road, Greensboro, NC 27409-9421 · For sales or technical
support, contact RFMD at (+1) 336-678-5570 or sales-support@rfmd.com.
Write
Initially ENX is high and SDATA is high impedance. The write operation begins with the controller starting SCLK. On the first fall-
ing edge of SCLK the baseband asserts ENX low. The second rising edge of SCLK is reserved to allow the SDI to initialize, and
the third rising edge is used to define whether the operation will be a write or a read operation. In write mode the baseband will
drive SDATA for the entire telegram. RF2053 will read the data bit on the rising edge of SCLK.
The next 7 data bits are the register address, MSB first. This is followed by the payload of 16 data bits for a total write mode
transfer of 24 bits. Data is latched into RF2053 on the last rising edge of SCLK (after ENX is asserted high).
For more information, please refer to the timing diagram on page 12.
The maximum clock speed for a register write is 19.2MHz. A register write therefore takes approximately 1.3us. The data is
latched on the rising edge of the clock. The datagram consists of a single start bit followed by a ‘0’ (to indicate a write opera-
tion). This is then followed by a seven bit address and a sixteen bit data word.
Note that since the serial bus does not require the presence of the crystal clock, it is necessary to insert an additional rising
clock edge before the ENX line is set low to ensure the address/data are read correctly.
Read
Initially ENX is high and SDATA is high impedance. The read operation begins with the controller starting SCLK. The controller is
in control of the SDATA line during the address write operation. On the first falling edge of SCLK the baseband asserts ENX low.
The second rising edge of SCLK is reserved to allow the SDI to initialize, and the third rising edge is used to define whether the
operation will be a write or a read operation. In read mode the baseband will drive SDATA for the address portion of the tele-
gram, and then control will be handed over to RF2053 for the data portion. RF2053 will read the data bits of the address on
the rising edge of SCLK. After the address has been written, control of the SDATA line is handed over to RF2053. One and a half
clocks are reserved for turn-around, and then the data bits are presented by RF2053. The data is set up on the rising edge of
SCLK, and the controller latches the data on the falling edge of SCLK. At the end of the data transmission, RF2053 will release
control of the SDATA line, and the controller asserts ENX high. The SDATA port on RF2053 transitions from high impedance to
low impedance on the first rising edge of the data portion of the transaction (for example, 3 rising edges after the last address
bit has been read), so the controller chip should be presenting a high impedance by that time.
For more information, please refer to the timing diagram on page 12.
The maximum clock speed for a register read is 19.2MHz. A register read therefore takes approximately 1.4us. The address is
latched on the rising edge of the clock and the data output on the falling edge. The datagram consists of a single start bit fol-
A4
A3
A2
A1
A0
D15
D14
D13
D12
D11
D10
D9
D8
D7
D6
D5
D4
D3
D2
D1
D0
ENX
SCLK
SDATA
XA6
A5
A4
A3
A2
A1
A0
D15 D14 D13 D12 D11 D10
D9
D8
D7
D6
D5
D4
D3
D2
D1
D0
ENX
SCLK
SDATA
XA6
A5



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com