Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

RF2053 Datasheet(PDF) 16 Page - RF Micro Devices

Part # RF2053
Description  HIGH PERFORMANCE FRACTIONAL-N SYNTHESIZER WITH INTEGRATED RF MIXER
PDF  36 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RFMD [RF Micro Devices]
Direct Link  http://www.rfmd.com
Logo RFMD - RF Micro Devices

RF2053 Datasheet(HTML) 16 Page - RF Micro Devices

Back Button RF2053 Datasheet HTML 12Page - RF Micro Devices RF2053 Datasheet HTML 13Page - RF Micro Devices RF2053 Datasheet HTML 14Page - RF Micro Devices RF2053 Datasheet HTML 15Page - RF Micro Devices RF2053 Datasheet HTML 16Page - RF Micro Devices RF2053 Datasheet HTML 17Page - RF Micro Devices RF2053 Datasheet HTML 18Page - RF Micro Devices RF2053 Datasheet HTML 19Page - RF Micro Devices RF2053 Datasheet HTML 20Page - RF Micro Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 16 / 36 page
background image
16 of 36
RF2053
DS140110
7628 Thorndike Road, Greensboro, NC 27409-9421 · For sales or technical
support, contact RFMD at (+1) 336-678-5570 or sales-support@rfmd.com.
Start-up
When starting up and following device reset then REFSTBY=0, REFSTBY should be asserted high approximately 500ecs.
before ENBL is taken high. This is to allow the XO to settle and will depend on XO characteristics. After taking ENBL high there
is typically 20usecs for the PLL state machine and charge pump to initialize, the VCO warm-up state, before PLL locking starts.
The time spent in the VCO warm-up state is set by CFG1:TVCO, which should be set to 00111 when using a 26MHz clock. Fol-
lowing the warm-up period there will be the additional time taken for the PLL to settle to the required frequency. All of these
timings will be dependent upon application specific factors such as loop filter bandwidth, reference clock frequency, and XO
characteristics. The fastest turn-on and lock time will be obtained by leaving REFSTBY asserted high, disabling all calibration
routines (always the case for the RF2053), minimizing the VCO warm-up time, and setting the PLL loop bandwidth as wide as
possible.
The device can be reset into its initial state (default settings) at any time by performing a hard reset. This is achieved by setting
the RESETB pin low for at least 100ns.
Setting Up Device Operation
The device offers a number of operating modes which need to be set up in the device before it will work as intended. This is
achieved as follows.
Three registers need to be written, taking 3.9us at the maximum clock speed.
Se t-u p de vice
operatio n
Active loop
filte r?
De fa u lt
No
PD P se t to 0
Progra m
MIX 2 _ID D
S e t-u p co m p le te
Progra m X O _C T ,
XO _C R _S and
CL K _D IV
In te rn a l
ca p a cito rs
u s e d to se t
Xta l lo ad
Mixe r
lin e a rity
1
2
To se t u p R F 2 0 5 3 o p e ra tio n w ith a n e xte rn a l V C O it is
n e ce ssa ry to se t th e E X T _ V C O b it in C FG 1 re g iste r h ig h
an d to a lw a ys se le ct V C O 3 to ro u te th e V C O in p u t
th ro u g h to th e syn th e size r. T h e L F_ A C T b it in C F G 1
re giste r sho u ld b e se t to 0 a s a n e xte rn a l o p -a m p is
n o rm a lly u sed in th e loop filter.
Th e m ixe r lin e a rity se ttin g is th e n se le cte d . T h e d e fa u lt
va lu e is 4 w ith 1 b e in g th e lo w e st se ttin g a n d 5 th e
h ig h e st. Th e M IX 2 _ ID D b its a re lo ca te d in th e C F G 2
re giste r.
Th e in te rn al crysta l lo adin g ca p a cito rs are also
p ro gra m m e d to p re se n t th e co rre ct lo a d to th e crysta l.
Th e ca p a cita n ce in te rn a l to th e ch ip ca n b e varie d
from 8 -1 6 p F in 0.2 5 p F ste p s (d e fa u lt=1 0p F). T h e
re fe re n ce d ivid e r m u st a lso b e se t to d e te rm in e th e
ph a se d e te cto r fre q u e n cy (d efa u lt=1 ). Th ese b its a re
lo ca te d in th e C F G 4 re g iste r.
Progra m
EX T_VC O = 1
P2 _V CO SEL= 10
LF _A C T = 0
W h e n se ttin g u p th e d e vice it is n e ce ssa ry to d e cid e if
an a ctive or p assive loop filter w ill b e u sed in th e
ph a se lo ck ed lo op. Set th e p h a se dete ctor p o la rity b it
in C FG 1 sin ce th e a ctive filter in ve rts th e loop filter
vo lta ge. N o rm a lly a ctive lo o p filte r w ith a n e xte rn a l o p -
am p is u sed w ith th e RF 205 3 , so se t PD P = 1, th e
defa u lt se ttin g.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com