Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

RF2053 Datasheet(PDF) 20 Page - RF Micro Devices

Part # RF2053
Description  HIGH PERFORMANCE FRACTIONAL-N SYNTHESIZER WITH INTEGRATED RF MIXER
PDF  36 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RFMD [RF Micro Devices]
Direct Link  http://www.rfmd.com
Logo RFMD - RF Micro Devices

RF2053 Datasheet(HTML) 20 Page - RF Micro Devices

Back Button RF2053 Datasheet HTML 16Page - RF Micro Devices RF2053 Datasheet HTML 17Page - RF Micro Devices RF2053 Datasheet HTML 18Page - RF Micro Devices RF2053 Datasheet HTML 19Page - RF Micro Devices RF2053 Datasheet HTML 20Page - RF Micro Devices RF2053 Datasheet HTML 21Page - RF Micro Devices RF2053 Datasheet HTML 22Page - RF Micro Devices RF2053 Datasheet HTML 23Page - RF Micro Devices RF2053 Datasheet HTML 24Page - RF Micro Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 20 / 36 page
background image
20 of 36
RF2053
DS140110
7628 Thorndike Road, Greensboro, NC 27409-9421 · For sales or technical
support, contact RFMD at (+1) 336-678-5570 or sales-support@rfmd.com.
CFG1 (OOh) - Operational Configuration Parameters
CFG2 (O1h) - Mixer Bias and PLL Calibration
#
Bit Name
Default
Function
15
LD_EN
1
9
Enable lock detector circuitry
14
LD_LEV
0
Modify lock range for lock detector
13
TVCO(4:0)
0
VCO warm-up time=TVCO/(FREF*256)
12
0
11
0
1
10
0
90
8
PDP
1
Phase detector polarity: 0=positive, 1=negative
7
LF_ACT
1
C
Active loop filter enable, 1=Active 0=Passive
6
CPL(1:0)
1
Charge pump leakage current: 00=no leakage, 01=low leakage, 10=mid leakage, 11=high
leakage
50
4
CT_POL
0
Polarity of VCO coarse-tune word: 0=positive, 1=negative
30
0
2
EXT_VCO
0
Set to 1=external VCO (VCO3 disabled, KV_CAL and CT_CAL must be disabled)
1
FULLD
0
0=Half duplex, mixer is enabled according to MODE pin, 1=Full duplex, both mixers enabled.
For RF2053 setting FULLD high gives access to both PLL register banks using MODE pin.
0
CP_LO_I
0
0=High charge pump current, 1=low charge pump current
#
Bit Name
Default
Function
15
MIX1_IDD
1
8
This register is not used for the RF2053.
14
0
13
0
12
MIX1_VB
0
This register is not used for the RF2053.
11
1
C
10
MIX2_IDD
1
Mixer 2 current setting: 000=0mA to 111=35mA in 5mA steps
90
80
7
MIX2_VB
0
5
Mixer 2 voltage bias
61
50
4
KV_RNG
1
Sets accuracy of voltage measurement during KV calibration: 0=8bits, 1=9bits
3
NBR_CT_AVG
1
8
Number of averages during CT cal
20
1
NBR_KV_AVG
0
Number of averages during KV cal
00



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com