Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

RF2053 Datasheet(PDF) 33 Page - RF Micro Devices

Part # RF2053
Description  HIGH PERFORMANCE FRACTIONAL-N SYNTHESIZER WITH INTEGRATED RF MIXER
PDF  36 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RFMD [RF Micro Devices]
Direct Link  http://www.rfmd.com
Logo RFMD - RF Micro Devices

RF2053 Datasheet(HTML) 33 Page - RF Micro Devices

Back Button RF2053 Datasheet HTML 28Page - RF Micro Devices RF2053 Datasheet HTML 29Page - RF Micro Devices RF2053 Datasheet HTML 30Page - RF Micro Devices RF2053 Datasheet HTML 31Page - RF Micro Devices RF2053 Datasheet HTML 32Page - RF Micro Devices RF2053 Datasheet HTML 33Page - RF Micro Devices RF2053 Datasheet HTML 34Page - RF Micro Devices RF2053 Datasheet HTML 35Page - RF Micro Devices RF2053 Datasheet HTML 36Page - RF Micro Devices  
Zoom Inzoom in Zoom Outzoom out
 33 / 36 page
background image
33 of 36
RF2053
DS140110
7628 Thorndike Road, Greensboro, NC 27409-9421 · For sales or technical
support, contact RFMD at (+1) 336-678-5570 or sales-support@rfmd.com.
Evaluation Board Schematic
Narrowband with UMX-236-D16 VCO
1
3
2
6
5
4
7
8
25
27 26
30 29 28
31
32
24
22
23
19
20
21
18
17
9
11
10
14
13
12
15 16
R1
51 k
C5
33 pF
C34
10 nF
C35
33 pF
ENBL
LFILT1
C36
33 pF
MODE
C16
DNI
26 MHz XTAL
C22
DNI
C7
DNI
J6
REF
C3
33 pF
C19
10 nF
VDDD
C2
33 pF
C18
10 nF
VDDA
TC1-1-13M
C23
100 pF
T2
C24
100 pF
C31
DNI
R15
0 R
50
strip
J2
RF IP
L1
DNI
R8
DNI
T1
TC4-19+
C20
100 pF
C21
100 pF
C25
DNI
R14
0 R
50
strip
J1
RF OP
C29
100 nF
C1
33 pF
C13
33 pF
C14
33 pF
C15
33 pF
SDATA
SCLK
ENX
RESETB
R3
100 k
CB2
CB4
12
11
10
9
8
7
6
5
4
3
2
1
DSR#
UIO
13
14
15
16
17
18
19
20
21
22
23
24
CB0
CB1
VCC
RST#
CB3
PU1
PU2
VCC
USB
SLD
Socket for USB
Interface
13
14
15
16
17
18
19
20
21
22
23
24
HDR_2X12
12
11
10
9
8
7
6
5
4
3
2
1
VDD
VDD
SCLK
ENX
RESETB
VDDA
ENBL
SDATA
VDDD
MODE
C12
10 uF
C11
10 uF
VDDA
C6
22 pF
VDDA
INDP
INDN
VDD
R7
10 K
-V_OP
C10
100 nF
+V_OP
C9
100 nF
VDD_VCO
C43
10 nF
16 15 14 13
1
10
9
17
12
2
3
4
5
6
7
8
11
50
strip
50
 strip
R22
18R
R23
18R
R24
DNI
50
 Strip
R25
DNI
22 pF
C41
C42
22 pF
R21
18R
50
strip
J7
LO_OP
UMX-236-D16
VCO
C39
22 pF
C38
10 nF
R18
0R
VDD_VCO
C30
3.3 nF
R2
1K
R11
1K
TP5
C27
3.3 nF
VTUNE
-V_OP
C4
10 nF
R10
2.2K
C28
100 nF
R6
6.8K
+V_OP
+1.2V
TP4
FILT1
C26
33 nF
R9
1K5
C16
1.5 nF
+V_OP
C8
10 nF
Active Loop Filter
T5
TC1-1-13M
V Tune
INDP
INDN
Note: For the UMX-236-D16 VCO
VDD_VCO is +5VDC
+V_OP is +5VDC
-V_OP is -5VDC
U1
OPA27



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com