Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

RF2483 Datasheet(PDF) 27 Page - RF Micro Devices

Part # RF2483
Description  LOW NOISE DUAL-BAND QUADRATURE MODULATOR WITH AGC
PDF  34 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RFMD [RF Micro Devices]
Direct Link  http://www.rfmd.com
Logo RFMD - RF Micro Devices

RF2483 Datasheet(HTML) 27 Page - RF Micro Devices

Back Button RF2483 Datasheet HTML 23Page - RF Micro Devices RF2483 Datasheet HTML 24Page - RF Micro Devices RF2483 Datasheet HTML 25Page - RF Micro Devices RF2483 Datasheet HTML 26Page - RF Micro Devices RF2483 Datasheet HTML 27Page - RF Micro Devices RF2483 Datasheet HTML 28Page - RF Micro Devices RF2483 Datasheet HTML 29Page - RF Micro Devices RF2483 Datasheet HTML 30Page - RF Micro Devices RF2483 Datasheet HTML 31Page - RF Micro Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 27 / 34 page
background image
27 of 34
RF2483
DS110505
7628 Thorndike Road, Greensboro, NC 27409-9421 · For sales or technical
support, contact RFMD at (+1) 336-678-5570 or sales-support@rfmd.com.
Typical Performance: 700MHz to 1000MHz Application Circuit for Low Band;
1700MHz to 2200MHz Application Circuit for High Band
0.0
20.0
40.0
60.0
80.0
100.0
120.0
140.0
160.0
0.0
0.5
1.0
1.5
2.0
2.5
Gain Control (V)
High Band Current Consumption versus Gain Control
LO=1900MHz 0dBm, IQ=100kHz 800mV
P-P 1.2VDC
Vcc=2.7V
Vcc=3.0V
Vcc=3.3V
0.0
20.0
40.0
60.0
80.0
100.0
120.0
140.0
160.0
0.0
0.5
1.0
1.5
2.0
2.5
Gain Control (V)
Low Band Current Consumption versus Gain Control
LO=900MHz 0dBm, IQ=100kHz 800mV
P-P 1.2VDC
Vcc=2.7V
Vcc=3.0V
Vcc=3.3V
0.0
20.0
40.0
60.0
80.0
100.0
120.0
140.0
160.0
0.0
0.5
1.0
1.5
2.0
2.5
Gain Control (V)
High Band Current Consumption versus Gain Control
LO=1900MHz 0dBm, IQ=100kHz 800mV
P-P 1.2VDC
Temp = -40°C, Vcc=2.7V
Temp = +25 °C, Vcc=2.7V
Temp = +85 °C, Vcc=2.7V
0.00
20.00
40.00
60.00
80.00
100.00
120.00
140.00
160.00
0.0
0.5
1.0
1.5
2.0
2.5
Gain Control (V)
Low Band Current Consumption versus Gain Control
LO=900MHz 0dBm, IQ=100kHz 800mV
P-P 1.2VDC
Temp = -40°C, Vcc=2.7V
Temp = +25 °C, Vcc=2.7V
Temp = +85 °C, Vcc=2.7V
-25.0
-20.0
-15.0
-10.0
-5.0
0.0
1700.0
1750.0
1800.0
1850.0
1900.0
1950.0
2000.0
Frequency (MHz)
High Band Return Loss versus Frequency
LO HB Port
RFOUT HB Port
-25.0
-20.0
-15.0
-10.0
-5.0
0.0
700.0
750.0
800.0
850.0
900.0
950.0
1000.0
Frequency (MHz)
Low Band Return Loss versus Frequency
LO LB Port
RFOUT LB Port



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com