Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

RF2483 Datasheet(PDF) 1 Page - RF Micro Devices

Part # RF2483
Description  LOW NOISE DUAL-BAND QUADRATURE MODULATOR WITH AGC
PDF  34 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RFMD [RF Micro Devices]
Direct Link  http://www.rfmd.com
Logo RFMD - RF Micro Devices

RF2483 Datasheet(HTML) 1 Page - RF Micro Devices

  RF2483 Datasheet HTML 1Page - RF Micro Devices RF2483 Datasheet HTML 2Page - RF Micro Devices RF2483 Datasheet HTML 3Page - RF Micro Devices RF2483 Datasheet HTML 4Page - RF Micro Devices RF2483 Datasheet HTML 5Page - RF Micro Devices RF2483 Datasheet HTML 6Page - RF Micro Devices RF2483 Datasheet HTML 7Page - RF Micro Devices RF2483 Datasheet HTML 8Page - RF Micro Devices RF2483 Datasheet HTML 9Page - RF Micro Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 34 page
background image
1 of 34
Optimum Technology Matching® Applied
GaAs HBT
InGaP HBT
GaAs MESFET
SiGe BiCMOS
Si BiCMOS
SiGe HBT
GaAs pHEMT
Si CMOS
Si BJT
GaN HEMT
Functional Block Diagram
RF MICRO DEVICES®, RFMD®, Optimum Technology Matching®, Enabling Wireless Connectivity™, PowerStar®, POLARIS™ TOTAL RADIO™ and UltimateBlue™ are trademarks of RFMD, LLC. BLUETOOTH is a trade-
mark owned by Bluetooth SIG, Inc., U.S.A. and licensed for use by RFMD. All other trade names, trademarks and registered trademarks are the property of their respective owners. ©2006, RF Micro Devices, Inc.
Product Description
7628 Thorndike Road, Greensboro, NC 27409-9421 · For sales or technical
support, contact RFMD at (+1) 336-678-5570 or sales-support@rfmd.com.
Ordering Information
*
*
*
*
* Represents "GND".
3
ISIG P
2
VCC2
1
VCC3
4
ISIG N
5
EN
6
7
8
9
10
11 BAND SEL
12 QSIG N
13 QSIG P
14 VREF
15 GC DEC
16
17
18
19
20
Mode
Control
&
Biasing
Power
Control
+45°
-45°
+45°
-45°
RF2483
LOW NOISE DUAL-BAND QUADRATURE
MODULATOR WITH AGC
The RF2483 is a dual-band direct I/Q to RF modulator designed for hand-
set applications where multiple modes of operation are required. ‘The
device provides common differential I/Q inputs and a common AGC ampli-
fier. Independent single-ended LO inputs and single-ended high and low
band RF outputs are provided. The device achieves a very low out-of-band
noise density of -156dBm/Hz minimizing RF filtering. Operating from a
single 2.7V supply, the device is assembled in a 4mm x 4mm, 20-pin,
QFN package.
Features
Dual-Band Operation 700
MHz to 2700MHz
-156dBm/Hz noise at
20MHz offset
+19dBm OIP3
+6dBm OP1dB
35dB Gain Control Range
Single 2.7V to 3.3V Supply
Applications
TDMA/GSM/EDGE Handsets
GSM/EDGE Handsets
W-CDMA Handsets
TDMA-Based Wireless Appli-
cations
Wireless Local Loop
Base Stations
RF2483SQ
Sample Bag with 25 Pieces
RF2483SR
7" Sample Reel with 100 Pieces
RF2483TR7
7" Reel with 750 Pieces
RF2483TR13
13" Reel with 2500 Pieces
RF2483PCK-410
2400MHz PCBA with 5-piece Sample Bag
DS110505
RF2483Low
Noise Dual-
Band Quadra-
ture Modula-
tor with AGC
Package Style: QFN, 20-Pin, 4mmx4mm


Similar Part No. - RF2483

ManufacturerPart #DatasheetDescription
logo
RF Micro Devices
RF2483 RFMD-RF2483 Datasheet
423Kb / 20P
LOW NOISE DUAL-BAND QUADRATURE MODULATOR WITH AGC
RF2483 RFMD-RF2483 Datasheet
524Kb / 28P
LOW NOISE DUAL-BAND QUADRATURE MODULATOR WITH AGC
RF2483 RFMD-RF2483 Datasheet
753Kb / 28P
LOW NOISE DUAL-BAND QUADRATURE MODULATOR WITH AGC
RF2483PCBA RFMD-RF2483PCBA Datasheet
524Kb / 28P
LOW NOISE DUAL-BAND QUADRATURE MODULATOR WITH AGC
RF2483PCBA-41X RFMD-RF2483PCBA-41X Datasheet
753Kb / 28P
LOW NOISE DUAL-BAND QUADRATURE MODULATOR WITH AGC
More results

Similar Description - RF2483

ManufacturerPart #DatasheetDescription
logo
RF Micro Devices
RF2483 RFMD-RF2483 Datasheet
423Kb / 20P
LOW NOISE DUAL-BAND QUADRATURE MODULATOR WITH AGC
logo
Intersil Corporation
HFA3763 INTERSIL-HFA3763 Datasheet
72Kb / 10P
400MHz Quadrature Modulator and AGC
June 1999
HFA3766 INTERSIL-HFA3766 Datasheet
79Kb / 11P
400MHz AGC Quadrature IF Modulator/Demodulator
January 1999
logo
RF Micro Devices
RF2705 RFMD-RF2705 Datasheet
379Kb / 24P
LOW NOISE, MULTI-MODE, QUAD-BAND, QUADRATURE MODULATOR AND PA DRIVER
logo
Intersil Corporation
HFA3767 INTERSIL-HFA3767 Datasheet
150Kb / 6P
130MHz CDMA/AMPS Quadrature Modulator and AGC
February 1998
logo
NEC
UPC8129GR NEC-UPC8129GR Datasheet
36Kb / 3P
SI RFIC QUADRATURE MODULATOR WITH UPCONVERTER AND AGC
logo
RF Micro Devices
RF2483 RFMD-RF2483_06 Datasheet
524Kb / 28P
LOW NOISE DUAL-BAND QUADRATURE MODULATOR WITH AGC
RF2705G RFMD-RF2705G Datasheet
349Kb / 24P
LOW NOISE, MULTI-MODE, QUAD-BAND, QUADRATURE MODULATOR AND PA DRIVER
RF3854 RFMD-RF3854 Datasheet
525Kb / 26P
LOW NOISE, MULTI-MODE, QUAD-BAND, QUADRATURE MODULATOR AND PA DRIVER
RF2483 RFMD-RF2483_1 Datasheet
753Kb / 28P
LOW NOISE DUAL-BAND QUADRATURE MODULATOR WITH AGC
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com