Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

RF2483 Datasheet(PDF) 7 Page - RF Micro Devices

Part # RF2483
Description  LOW NOISE DUAL-BAND QUADRATURE MODULATOR WITH AGC
PDF  34 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RFMD [RF Micro Devices]
Direct Link  http://www.rfmd.com
Logo RFMD - RF Micro Devices

RF2483 Datasheet(HTML) 7 Page - RF Micro Devices

Back Button RF2483 Datasheet HTML 3Page - RF Micro Devices RF2483 Datasheet HTML 4Page - RF Micro Devices RF2483 Datasheet HTML 5Page - RF Micro Devices RF2483 Datasheet HTML 6Page - RF Micro Devices RF2483 Datasheet HTML 7Page - RF Micro Devices RF2483 Datasheet HTML 8Page - RF Micro Devices RF2483 Datasheet HTML 9Page - RF Micro Devices RF2483 Datasheet HTML 10Page - RF Micro Devices RF2483 Datasheet HTML 11Page - RF Micro Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 7 / 34 page
background image
7 of 34
RF2483
DS110505
7628 Thorndike Road, Greensboro, NC 27409-9421 · For sales or technical
support, contact RFMD at (+1) 336-678-5570 or sales-support@rfmd.com.
Parameter
Specification
Unit
Condition
Min.
Typ.
Max.
I/Q Modulator High Band
(2700MHz)
VCC=2.7V, EN=2.7V, Bandsel=2.7V, FLO=2700MHz,
PLO=0dBm, LO HB and RFOUT HB ports are matched
to 50
 IQ=800mVP-P at 100KhZ 1.2VDC. Input IQ sig-
nals driven differentally and in quadrature from a 50
source impedance. TA=25°C
Baseband Input Voltage*
1.2
V
Common mode voltage
Baseband Input Level*
0.8
VPP
Measured differentially
Baseband Input Impedance*
5.5
k
Measured at 100kHz
Input Bandwidth*
150
MHz
I/Q source impedance 50
Sideband Suppression*
34
dBc
GC=2.0V, no I/Q adjustment
37
dBc
GC=1.5V, no I/Q adjustment
43
dBc
GC=1.0V, no I/Q adjustment
47
dBc
GC=0.5V, no I/Q adjustment
Carrier Suppression*
38
dBc
GC=2.0V, no I/Q adjustment
38
dBc
GC=1.5V, no I/Q adjustment
32
dBc
GC=1.0V, no I/Q adjustment
22
dBc
GC=0.5V, no I/Q adjustment
3rd Harmonic of Modulation
Suppression at FLO-3x100kHz*
58
dBc
GC=2.0V
58
dBc
GC=1.5V
59
dBc
GC=1.0V
62
dBc
GC=0.5V
Baseband Input DC Current Drain*
100
A
Baseband Input AC Current Drain*
100
APP
Variable Gain Amplifiers High
Band (2700MHz)
VCC=2.7V, EN=2.7V, Bandsel=2.7V, FLO=2700MHz,
PLO=0dBm, LO HB and RFOUT HB ports are matched
to 50
 IQ=800mVP-P at 100KhZ 1.2VDC. Input IQ sig-
nals driven differentally and in quadrature from a 50
source impedance. TA=25°C
Gain Control Voltage Range*
0
2.0
V
Gain Control Range*
35
dB
Difference between output power at GC=2.0V and
GC=0.5V
Gain Control Slope*
29
dB/V
Calculated GC=1.0V and 1.5V
Gain Control Input Impedance*
10
k
Output Power*
0.4
dB
GC=2.0V, IQ=800mVP-P at 100kHz
-7
dB
GC=1.5V, IQ=800mVP-P at 100kHz
-18
dB
GC=1.0V, IQ=800mVP-P at 100kHz
-35
dB
GC=0.5V, IQ=800mVP-P at 100kHz
Output Noise at FLO + 20MHz*
-155
dBm/Hz
GC=2.0V, IQ=800mVP-P at 100kHz
-156.7
dBm/Hz
GC=2.0V, IQ=0mVP-P
Output P1dB*
+6
dBm
IQ at 100kHz
Output IP3*
+20
dBm
GC=2.0V. Extrapolated from IM3 with two baseband
tones at 90kHz applied differentially, in quadrature, at
both I and Q inputs, each tone 400mVP-P
*=Not tested in production



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com